Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BADC-AFGA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # BADC-AFGA
Description  performance oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BADC-AFGA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  BADC-AFGA Datasheet HTML 1Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 2Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 3Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 4Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 5Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 6Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 7Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 8Page - Everlight Electronics Co., Ltd BADC-AFGA Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Data Sheet
5484BN/BADC-AFGA/XR/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 2 of 10
Device Number : DT1-548-046
Prepared date:03-24-2008
Prepared by: Grace Shen
Package Dimensions
Stopper Type
No Stopper Type
Notes:
․All dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Protruded resin under flange is 1.5mm Max LED.
․Bare copper alloy is exposed at tie-bar portion after cutting.


Similar Part No. - BADC-AFGA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BADC-AFHA EVERLIGHT-BADC-AFHA Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results

Similar Description - BADC-AFGA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3474AN EVERLIGHT-3474AN Datasheet
118Kb / 10P
   performance oval LED
GADC-AKMA EVERLIGHT-GADC-AKMA Datasheet
117Kb / 10P
   performance oval LED
R3DB-AFGC EVERLIGHT-R3DB-AFGC Datasheet
102Kb / 10P
   performance oval LED
R3DC-AGHC EVERLIGHT-R3DC-AGHC Datasheet
127Kb / 10P
   performance oval LED
GADB-AKMA EVERLIGHT-GADB-AKMA Datasheet
117Kb / 10P
   performance oval LED
R3DB-AGHC EVERLIGHT-R3DB-AGHC Datasheet
102Kb / 10P
   performance oval LED
R3DC-AEFC EVERLIGHT-R3DC-AEFC Datasheet
108Kb / 10P
   performance oval LED
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
   Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com