Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT21LKG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EPT21LKG
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT21LKG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EPT21LKG Datasheet HTML 1Page - Micrel Semiconductor SY100EPT21LKG Datasheet HTML 2Page - Micrel Semiconductor SY100EPT21LKG Datasheet HTML 3Page - Micrel Semiconductor SY100EPT21LKG Datasheet HTML 4Page - Micrel Semiconductor SY100EPT21LKG Datasheet HTML 5Page - Micrel Semiconductor SY100EPT21LKG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ECL Pro™
SY100EPT21L
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
VCC = +3.0V to +3.6V, GND = 0V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tPD
Propagation Delay
CL = 20pF
1.5
1.9
2.5
ns
tskpp
Part-to-Part Skew
CL = 20pF
(4, 5)
0.5
ns
fMAX
Maximum Input Frequency
CL = 20pF
(6)
275
MHz
VCMR
Common Mode Range
1.2
VCC
V
VPP
Minimum Peak-to-Peak Input
Note 7
100
mV
tr, tf
Output Rise/Fall Time
CL = 20pF
0.5
1.0
ns
(1.0V to 2.0V)
Notes:
4. Part-to-part skew considering HIGH-to-HIGH transitions at common VCC level.
5. These parameters are guaranteed but not tested.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
7. 100mV input guarantees full logic at output.
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY100EPT21LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT21LKC MICREL-SY100EPT21LKC Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKCTR MICREL-SY100EPT21LKCTR Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT21LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com