Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16256 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # PDSP16256
Description  Programmable FIR Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button PDSP16256 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PDSP16256
10
CASCADING DEVICES
When the filter requirements are beyond the capabilities of
a single device, it is possible to connect several devices in
cascade increasing the number of taps available at the re-
quired sample rate. Within each device all filter length, deci-
mate, and bank swap options are still possible, but each device
in the chain must be similarly programmed and configured as
a single filter.
The number of devices which can be cascaded is only
limited by the possibility of overflow in the 32-bit intermediate
accumulations. If more than sixteen devices are cascaded in
auto EPROM load mode, then an additional EPROM will be
needed.
In modes where the data sample rate does not equal the
clock rate. Then the cascade arrangement shown in Fig. 12 is
used. Delayed data is passed from device to device in one
direction, while intermediate results flow in the opposite direc-
tion. The interface device both accepts the input data and
produces the final result. It is not necessary for each device to
know its exact position in the chain, but the device which
receives the input data and produces the final result must be
identified, as must the device which terminates the chain. The
former is known as the Interface device and the latter as the
Termination device, all others are Intermediate devices. Con-
trol Register bits CR11:10 are used to define these positions as
shown in Table 6.
The control logic in each of the devices must be synchro-
nised with respect to the Interface device. This is achieved by
connecting the Delayed Filter Enable output (DFEN) to the
Filter Enable input (FEN) of the next device in the chain. The
Interface device, itself, needs a FEN signal produced by the
system, unless in EPROM mode, where FRUN may be pulled
high. Even when the latter is true, the FEN connection must
be made between the remaining devices in the chain. By
effectively extending the filter length, the cascade latency is
therefore the same as for the single device in the same mode.
Once the pipeline is initially flushed the latency is as given in
Table 3.
When devices are cascaded such that the data sample rate
equals the clock rate, (Control register bits 14:13 = 00), then a
different cascade configuration must be used. This is shown in
Fig. 13. The number of devices that can be cascaded is, again,
only limited by the 32-bit accumulators.
In this mode the delayed data is passed from device to
device in the same direction as the intermediate results. The
device which accepts the input data is now at the opposite end
of the chain to the device which produces the final result. The
control logic in each of the devices must be synchronised this
is achieved by connecting all the device FEN inputs to the
global FEN. The cascade latency for the complete filter is built
up from the 12 delays from the termination device, 8 delays
from the interface device and additional intermediate devices
each adding 4 delays.
AVAILABLE OPTIONS
No more than 128 coefficients can be stored internally. This
limits the filter length / decimate / bank swap options to those
which do not require more than that number of coefficients.
Thus when a filter with 128 taps is to be implemented in a single
device, it is not possible to decimate or bank swap. When a
filter with 64 taps is implemented, decimate or bank swap are
possible, but not both. With all other filter lengths, all decimate
and bank swap configurations are possible.
Fig. 13 Full speed cascaded system
Fig. 12 Three-device cascaded system
DATA IN
FEN
RESULTS
OUT
DA15:0
FEN
F31:0
DB15:0
DFEN
X31:0
INTERFACE
DEVICE
DA15:0
FEN
F31:0
DB15:0
DFEN
X31:0
INTERMEDIATE
DEVICE
DA15:0
FEN
F31:0
DB15:0
DFEN
X31:0
TERMINATION
DEVICE
DATA IN
FEN
RESULTS
OUT
DB15:0
FEN
F31:0
DA15:0
DFEN
X31:0
INTERFACE
DEVICE
DB15:0
FEN
F31:0
DA15:0
DFEN
X31:0
INTERMEDIATE
DEVICE
DB15:0
FEN
F31:0
DA15:0
DFEN
X31:0
TERMINATION
DEVICE


Similar Part No. - PDSP16256

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
PDSP16256 ZARLINK-PDSP16256 Datasheet
181Kb / 23P
   Stand Alone FFT Processor
PDSP16256 ZARLINK-PDSP16256 Datasheet
173Kb / 25P
   Stand Alone FFT Processor
More results

Similar Description - PDSP16256

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
AT76C001 ATMEL-AT76C001 Datasheet
73Kb / 9P
   CBIC Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com