Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2HNK60Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD2HNK60Z
Description  N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2HNK60Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD2HNK60Z Datasheet HTML 7Page - STMicroelectronics STD2HNK60Z Datasheet HTML 8Page - STMicroelectronics STD2HNK60Z Datasheet HTML 9Page - STMicroelectronics STD2HNK60Z Datasheet HTML 10Page - STMicroelectronics STD2HNK60Z Datasheet HTML 11Page - STMicroelectronics STD2HNK60Z Datasheet HTML 12Page - STMicroelectronics STD2HNK60Z Datasheet HTML 13Page - STMicroelectronics STD2HNK60Z Datasheet HTML 14Page - STMicroelectronics STD2HNK60Z Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD2HNK60Z/-1 - STF2HNK60Z - STQ2HNK60ZR-AP
Package mechanical data
11/16
L2
L6
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA


Similar Part No. - STD2HNK60Z

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD2HNK60Z DOINGTER-STD2HNK60Z Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD2HNK60Z VBSEMI-STD2HNK60Z Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
logo
VBsemi Electronics Co.,...
STD2HNK60Z-1 VBSEMI-STD2HNK60Z-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - STD2HNK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com