Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843D8TR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC3843D8TR
Description  CURRENT MODE PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3843D8TR Datasheet(HTML) 3 Page - Texas Instruments

  UC3843D8TR Datasheet HTML 1Page - Texas Instruments UC3843D8TR Datasheet HTML 2Page - Texas Instruments UC3843D8TR Datasheet HTML 3Page - Texas Instruments UC3843D8TR Datasheet HTML 4Page - Texas Instruments UC3843D8TR Datasheet HTML 5Page - Texas Instruments UC3843D8TR Datasheet HTML 6Page - Texas Instruments UC3843D8TR Datasheet HTML 7Page - Texas Instruments UC3843D8TR Datasheet HTML 8Page - Texas Instruments UC3843D8TR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
Temp Stability +
V
REF
(max) * VREF (min)
TJ(max) * TJ (min)
VREF(max) and VREF(min) are the maximum and minimum reference voltages measured over
THERMAL CHARACTERISTICS
DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
over operating free-air temperature range (unless otherwise noted)
PACKAGE
θ
JC
θ
JA
DIL-8
J
28(1)
125-160
N
25
110(2)
SOIC-8
D8
42
84-160(2)
SOIC-14
D14
35
50-120(2)
CFP-14
W
5.49
°C/W
175.4C/W
PLCC-20
Q
34
43-75(2)
(1)
θ
JC data values stated were derived from MIL-STD-1835B.
(2)
Specified
θ
JA (junction to ambient) is for devices mounted to 5 in
2 FR4 PC board with one ounce copper where noted. When resistance
range is given, lower values are for 5 in2. Test PWB was 0.062 in thick and typically used 0.635-mm trace widths for power packages
and 1.3-mm trace widths for non-power packages with 100 x 100-mil probe land area at the end of each trace.
TA≤ 25°C
DERATING FACTOR
TA≤ 70°C
TA≤ 85°CPO
TA≤ 125°C
PACKAGE
POWER RATING
ABOVE TA≤ 25°C
POWER RATING
WER RATING
POWER RATING
W
700 mW
5.5 mW/
°C
452 mW
370 mW
150 mW
Unless otherwise stated, these specifications apply for –55
°C ≤ T
A≤ 125°C for the UC184X; –40°C ≤ TA≤ 85°C for the
UC284X; 0
°C ≤ T
A≤ 70°C for the 384X; VCC = 15 V
(1); R
T = 10 kΩ; CT = 3.3 nF, TA = TJ.
UC1842/3/4/5
UC3842/3/4/5
UC2842/3/4/5
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE SECTION
Output Voltage
TJ = 25°C, IO = 1 mA
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
12
≤ V
IN≤ 25 V
6
20
6
20
mV
Load Regulation
1
≤ I
0≤ 20 mA
6
25
6
25
Temp. Stability
See (2)(3)
0.2
0.4
0.2
0.4
mV/
°C
Total Output Variation
Line, load, tempature (2)
4.9
5.1
4.82
5.18
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, T
J = 25°C
(2)
50
50
µV
Long Term Stability
TA = 125°C, 1000 Hrs(2)
5
25
5
25
mV
Output Short Circuit
–30
–100
–180
–30
–100
–180
mA
OSCILLATOR SECTION
Initial Accuracy
TJ = 25°C(4)
47
52
57
47
52
57
kHz
Voltage Stability
12
≤ V
CC≤ 25 V
0.2%
1%
0.2%
1%
Temp. Stability
TMIN≤ TA≤ TMAX(2)
5%
5%
Amplitude
VPIN 4 peak-to-peak (2)
1.7
1.7
V
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
These parameters, although specified, are not 100% tested in production.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
(4)
Output frequency equals oscillator frequency for the UC1842 and UC1843.
Output frequency is one half oscillator frequency for the UC1844 and UC1845.
3
Submit Documentation Feedback


Similar Part No. - UC3843D8TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3843D8TR TI-UC3843D8TR Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3843D8TR TI1-UC3843D8TR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3843D8TR TI-UC3843D8TR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3843D8TR TI1-UC3843D8TR Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ARTSCHIP ELECTRONICS CO...
UC3843D8TR ARTSCHIP-UC3843D8TR Datasheet
579Kb / 17P
   Current Mode PWM Controller
More results

Similar Description - UC3843D8TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com