Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH162268DLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALVCH162268DLR
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162268DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVCH162268DLR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 9Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 10Page - Texas Instruments SN74ALVCH162268DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN74ALVCH162268
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES018L – AUGUST 1995 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -6 mA
2.3 V
2
A port
2.3 V
1.7
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
VOH
V
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -2 mA
1.65 V
1.2
IOH = -4 mA
2.3 V
1.9
B port
2.3 V
1.7
IOH = -6 mA
3 V
2.4
IOH = -8 mA
2.7 V
2
IOH = -12 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
A port
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
VOL
IOL = 100 µA
1.65 V to 3.6 V
0.2
V
IOL = 2 mA
1.65 V
0.45
IOL = 4 mA
2.3 V
0.4
B port
2.3 V
0.55
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
25
1.65 V
VI = 1.07 V
-25
VI = 0.7 V
45
2.3 V
II(hold)
VI = 1.7 V
-45
µA
VI = 0.8 V
75
3 V
VI = 2 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ(3)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V, Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3.5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
9
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
7


Similar Part No. - SN74ALVCH162268DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268DLR TI1-SN74ALVCH162268DLR Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162268DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com