Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT594D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT594D
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT594D Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT594D Datasheet HTML 1Page - Texas Instruments SN74AHCT594D Datasheet HTML 2Page - Texas Instruments SN74AHCT594D Datasheet HTML 3Page - Texas Instruments SN74AHCT594D Datasheet HTML 4Page - Texas Instruments SN74AHCT594D Datasheet HTML 5Page - Texas Instruments SN74AHCT594D Datasheet HTML 6Page - Texas Instruments SN74AHCT594D Datasheet HTML 7Page - Texas Instruments SN74AHCT594D Datasheet HTML 8Page - Texas Instruments SN74AHCT594D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54AHCT594, SN74AHCT594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS417H − JUNE 1998 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D 8-Bit Serial-In, Parallel-Out Shift
Registers With Storage
D Independent Direct Overriding Clears
on Shift and Storage Registers
D Independent Clocks for Both Shift and
Storage Registers
D Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHCT594 devices contain an 8-bit serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. Separate clocks and direct
overriding clear (SRCLR, RCLR) inputs are
provided on both the shift and storage registers.
A serial (QH′) output is provided for cascading
purposes.
Both the shift register (SRCLK) and storage
register
(RCLK)
clocks
are
positive
edge
triggered. If both clocks are connected together,
the shift register always is one count pulse ahead
of the storage register.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHCT594N
SN74AHCT594N
SOIC − D
Tube
SN74AHCT594D
AHCT594
SOIC − D
Tape and reel
SN74AHCT594DR
AHCT594
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHCT594NSR
AHCT594
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHCT594DBR
HB594
TSSOP − PW
Tube
SN74AHCT594PW
HB594
TSSOP − PW
Tape and reel
SN74AHCT594PWR
HB594
CDIP − J
Tube
SNJ54AHCT594J
SNJ54AHCT594J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHCT594W
SNJ54AHCT594W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHCT594FK
SNJ54AHCT594FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHCT594 ...J OR W PACKAGE
SN74AHCT594 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHCT594 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
RCLR
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
RCLR
NC
RCLK
SRCLK
QD
QE
NC
QF
QG


Similar Part No. - SN74AHCT594D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT594D TI-SN74AHCT594D Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594D TI-SN74AHCT594D Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBR TI-SN74AHCT594DBR Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBR TI-SN74AHCT594DBR Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBRE4 TI-SN74AHCT594DBRE4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74AHCT594D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com