Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L320AUV-120UF Datasheet(PDF) 1 Page - AMIC Technology

Part # A29L320AUV-120UF
Description  4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L320AUV-120UF Datasheet(HTML) 1 Page - AMIC Technology

  A29L320AUV-120UF Datasheet HTML 1Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 2Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 3Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 4Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 5Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 6Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 7Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 8Page - AMIC Technology A29L320AUV-120UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
A29L320A Series
4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only,
Boot Sector Flash Memory
(November, 2007, Version 1.1)
AMIC Technology, Corp.
Document Title
4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
April 12, 2006
Preliminary
0.1
Error correction: Top/Bottom device ID code and pin configurations
May 25, 2006
0.2
Change Table1 & Program/Erasure time
July 3, 2006
1.0
Final version release
January 5, 2007
Final
1.1
Modify symbol “L” outline dimensions in TSOP 48L package
November 15, 2007


Similar Part No. - A29L320AUV-120UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
More results

Similar Description - A29L320AUV-120UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com