Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCO-014STH-25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CCO-014STH-25
Description  Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CCO-014STH-25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCO-014STH-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-02075 Rev.D
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 8
or 14
pin 4
or 7
pin 5
or 8
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
Cont
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for
economical solutions.
8 & 14 Pin Dip,
5V, HCMOS/TTL
CCO-014S & 014 Models
Function pin 1
Output pin
Open
"1" level 2.4V Min
"0" level 0.4V Max
Active
Active
High Z
Tri-State Function
300KHz to 200MHz
±10ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
5V ± 0.5V
60mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
50pF/10TTL Max
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Logic:
Load:
(Option H)
CCO-014 T X Y H- 25 - 49.152
Crystek Part Number Guide
#1 Crystek Clock Osc.
#2 Model (014 or 014S)
#3 Tristate: Blank= no Tristate, T= Tristate
#4 Temp. Range: Blank= 0/70°C, M= -20/70°C, X= -40/85°C
#5 Symmetry: Blank=(40/60), Y=(45/55)
#6 Load: Blank= standard, H= 50pF
#7 Stability: (see Table 1)
#8 Frequency in MHz: 3 or 6 decimal places
#1
#2
#5
#3 #4
#8
Example:
CCO-014TXY-25-25.000 = (full size) 5.0V Tristate, -40/85°C, 45/55, 25ppm, 25.000 MHz
CCO-014ST-50-19.660800 = (half size) 5.0V Tristate, 0/70, 40/60, 50ppm, 19.660800 MHz
#6
#7
Blank (std)
± 100ppm
50
± 50ppm
25
± 25ppm
20
± 20ppm
10
± 10ppm
0/70
-20/70
-40/85
**
**
**
**
**
**
**
**
**
Stability Indicator:
Table 1
<3ppm 1st/yr, 1ppm every year thereafter
Clock Oscillator
19
CCO-014
CRYSTEK
Part Number
Frequency
Date Code
0.750
(19.05)
0.820
(20.83)
0.450
(11.43)
0.520
(13.21)
0.600
(15.24)
0.300
(7.62)
1
14
7
8
0.216
(5.50)
0.260
(6.60)
0.216
(5.50)
0.260
(6.60)
0.300
(7.62)
0.300
(7.62)
Pin
1
Pin
8
Pin
4
Pin
5
CRYSTEK
P/N
Frequency
DC
0.450
(11.43)
0.520
(13.21)
CCO-014S
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CCO-014STH-25

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCO-014 CRYSTEKCRYSTAL-CCO-014 Datasheet
65Kb / 1P
   HCMOS/TTL
CCO-014-10-49.152 CRYSTEKCRYSTAL-CCO-014-10-49.152 Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
CCO-014-20-49.152 CRYSTEKCRYSTAL-CCO-014-20-49.152 Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
CCO-014-25-49.152 CRYSTEKCRYSTAL-CCO-014-25-49.152 Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
CCO-014-50-49.152 CRYSTEKCRYSTAL-CCO-014-50-49.152 Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
More results

Similar Description - CCO-014STH-25

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com