Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7150QPE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7150QPE4
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7150QPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7150QPE4 Datasheet HTML 3Page - Texas Instruments TPS7150QPE4 Datasheet HTML 4Page - Texas Instruments TPS7150QPE4 Datasheet HTML 5Page - Texas Instruments TPS7150QPE4 Datasheet HTML 6Page - Texas Instruments TPS7150QPE4 Datasheet HTML 7Page - Texas Instruments TPS7150QPE4 Datasheet HTML 8Page - Texas Instruments TPS7150QPE4 Datasheet HTML 9Page - Texas Instruments TPS7150QPE4 Datasheet HTML 10Page - Texas Instruments TPS7150QPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7101 electrical characteristics at IO = 10 mA, VI = 3.5 V, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, FB
shorted to OUT at device leads (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7101Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Reference voltage (measured at FB
VI = 3.5 V,
IO = 10 mA
25
°C
1.178
V
Reference voltage (measured at FB
with OUT connected to FB)
2.5 V
≤ VI ≤ 10 V,
See Note 1
5 mA
≤ IO ≤ 500 mA,
– 40
°C to 125°C
1.143
1.213
V
Reference voltage temperature
coefficient
– 40
°C to 125°C
61
75
ppm/
°C
VI =2 4V
50
µA ≤ IO ≤ 150 mA
25
°C
0.7
1
VI = 2.4 V,
50
µA ≤ IO ≤ 150 mA
– 40
°C to 125°C
1
VI =2 4V
150 mA
≤ IO ≤ 500
25
°C
0.83
1.3
Pass-element series resistance
VI = 2.4 V,
O
mA
– 40
°C to 125°C
1.3
(see Note 2)
VI =2 9V
50
µA ≤ IO ≤ 500 mA
25
°C
0.52
0.85
VI = 2.9 V,
50
µA ≤ IO ≤ 500 mA
– 40
°C to 125°C
0.85
VI = 3.9 V,
50
µA ≤ IO ≤ 500 mA
25
°C
0.32
VI = 5.9 V,
50
µA ≤ IO ≤ 500 mA
25
°C
0.23
Input regulation
VI = 2.5 V to 10 V,
50
µA ≤ IO ≤ 500 mA,
25
°C
18
mV
Input regulation
I
,
See Note 1
µ
O
,
– 40
°C to 125°C
25
mV
IO = 5 mA to 500 mA,
2.5 V
≤ VI ≤ 10 V,
25
°C
14
mV
Output regulation
O
,
See Note 1
I
,
– 40
°C to 125°C
25
mV
Output regulation
IO = 50 µA to 500 mA, 2.5 V ≤ VI ≤ 10 V,
25
°C
22
mV
O
µ
,
See Note 1
I
,
– 40
°C to 125°C
54
mV
IO =50 µA
25
°C
48
59
Ripple rejection
f = 120 Hz
IO = 50 µA
– 40
°C to 125°C
44
dB
Ripple rejection
f = 120 Hz
IO = 500 mA,
25
°C
45
54
dB
O
,
See Note 1
– 40
°C to 125°C
44
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 H
≤ f ≤ 100 kH
CO = 4.7 µF
25
°C
95
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† =1
CO = 10 µF
25
°C
89
µVrms
CSR† = 1
CO = 100 µF
25
°C
74
PG trip-threshold voltage§
VFB voltage decreasing from above VPG
– 40
°C to 125°C
1.101
1.145
V
PG hysteresis voltage§
Measured at VFB
25
°C
12
mV
PG output low voltage§
IPG = 400 µA
VI = 2 13 V
25
°C
0.1
0.4
V
PG output low voltage§
IPG = 400 µA,
VI = 2.13 V
– 40
°C to 125°C
0.4
V
FB input current
25
°C
– 10
0.1
10
nA
FB input current
– 40
°C to 125°C
– 20
20
nA
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Output voltage programmed to 2.5 V with closed-loop configuration (see application information).
NOTES:
1. When VI < 2.9 V and IO > 150 mA simultaneously, pass element rDS(on) increases (see Figure 27) to a point such that the resulting
dropout voltage prevents the regulator from maintaining the specified tolerance range.
2. To calculate dropout voltage, use equation:
VDO = IO rDS(on)
rDS(on) is a function of both output current and input voltage. The parametric table lists rDS(on) for VI = 2.4 V, 2.9 V, 3.9 V, and
5.9 V, which corresponds to dropout conditions for programmed output voltages of 2.5 V, 3 V, 4 V, and 6 V, respectively. For other
programmed values, refer to Figure 26.


Similar Part No. - TPS7150QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7150QPE4 TI-TPS7150QPE4 Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150QPE4 TI-TPS7150QPE4 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7150QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com