Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73230DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73230DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73230DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73230DBVT Datasheet HTML 1Page - Texas Instruments TPS73230DBVT Datasheet HTML 2Page - Texas Instruments TPS73230DBVT Datasheet HTML 3Page - Texas Instruments TPS73230DBVT Datasheet HTML 4Page - Texas Instruments TPS73230DBVT Datasheet HTML 5Page - Texas Instruments TPS73230DBVT Datasheet HTML 6Page - Texas Instruments TPS73230DBVT Datasheet HTML 7Page - Texas Instruments TPS73230DBVT Datasheet HTML 8Page - Texas Instruments TPS73230DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DCQPACKAGE
SOT223
(TOPVIEW)
DBVPACKAGE
SOT23
(TOPVIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
1
IN
OUT
GND
NR/FB
EN
TABISGND
6
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRB PACKAGE
3mmx 3mmSON
(TOP VIEW)
2
3
5
4
TPS732xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
Typical Application Circuit for Fixed-Voltage Versions
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
www.ti.com
Cap-Free, NMOS, 250mA Low Dropout Regulator
with Reverse Current Protection
2
• Stable with No Output Capacitor or Any Value
The TPS732xx family of low-dropout (LDO) voltage
or Type of Capacitor
regulators uses a new topology: an NMOS pass
element in a voltage-follower configuration. This
• Input Voltage Range: 1.7V to 5.5V
topology is stable using output capacitors with low
• Ultralow Dropout Voltage: 40mV Typ at 250mA
ESR, and even allows operation without a capacitor.
• Excellent Load Transient Response—with or
It also provides high reverse blockage (low reverse
without Optional Output Capacitor
current) and ground pin current that is nearly constant
over all values of output current.
• New NMOS Topology Provides Low Reverse
Leakage Current
The TPS732xx uses an advanced BiCMOS process
to yield high precision while delivering very low
• Low Noise: 30µV
RMS Typ (10kHz to 100kHz)
dropout voltages and low ground pin current. Current
• 0.5% Initial Accuracy
consumption, when not enabled, is under 1
µA and
• 1% Overall Accuracy (Line, Load, and
ideal for portable applications. The extremely low
Temperature)
output noise (30
µV
RMS with 0.1µF CNR) is ideal for
powering VCOs. These devices are protected by
• Less Than 1µA Max I
Q in Shutdown Mode
thermal shutdown and foldback current limit.
• Thermal Shutdown and Specified Min/Max
Current Limit Protection
• Available in Multiple Output Voltage Versions
Fixed Outputs of 1.20V to 5.0V
Adjustable Outputs from 1.20V to 5.5V
Custom Outputs Available
• Portable/Battery-Powered Equipment
• Post-Regulation for Switching Supplies
• Noise-Sensitive Circuitry such as VCOs
• Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73230DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73230DBVT TI-TPS73230DBVT Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73230DBVT TI-TPS73230DBVT Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73230DBVT TI1-TPS73230DBVT Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS73230DBVTG4 TI-TPS73230DBVTG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73230DBVTG4 TI1-TPS73230DBVTG4 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
More results

Similar Description - TPS73230DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com