Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73230DBVRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73230DBVRG4
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73230DBVRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73230DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Servo
Error
Amp
Ref
27k
8k
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kΩ
4MHz
Charge Pump
VO
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R1
Short
23.2k
28.0k
39.2k
44.2k
46.4k
52.3k
R2
Open
95.3k
56.2k
36.5k
33.2k
30.9k
30.1k
Table 1. Standard 1%
Resistor Values for
Common Output Voltages
NOTE: VOUT = (R1 + R2)/R2 × 1.204;
R1R2 ≅ 19kΩ for best
accuracy.
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R
1
R
2
EN
GND
IN
80k
8k
27k
4MHz
Charge Pump
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
Figure 1. Fixed Voltage Version
Figure 2. Adjustable Voltage Version
4
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS732xx


Similar Part No. - TPS73230DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73230DBVRG4 TI-TPS73230DBVRG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73230DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com