Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256BGU-A12 Datasheet(PDF) 1 Page - NEC

Part # UPD43256BGU-A12
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGU-A12 Datasheet(HTML) 1 Page - NEC

  UPD43256BGU-A12 Datasheet HTML 1Page - NEC UPD43256BGU-A12 Datasheet HTML 2Page - NEC UPD43256BGU-A12 Datasheet HTML 3Page - NEC UPD43256BGU-A12 Datasheet HTML 4Page - NEC UPD43256BGU-A12 Datasheet HTML 5Page - NEC UPD43256BGU-A12 Datasheet HTML 6Page - NEC UPD43256BGU-A12 Datasheet HTML 7Page - NEC UPD43256BGU-A12 Datasheet HTML 8Page - NEC UPD43256BGU-A12 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
μPD43256B
256K-BIT CMOS STATIC RAM
32K-WORD BY 8-BIT
DATA SHEET
Document No. M10770EJEV0DS00 (14th edition)
Date Published June 2006 NS CP (K)
Printed in Japan
1990, 1993, 1994
Description
The
μPD43256B is a high speed, low power, and 262,144 bits (32,768 words by 8 bits) CMOS static RAM.
Battery backup is available. And A and B versions are wide voltage operations.
The
μPD43256B is packed in 28-pin PLASTIC DIP, 28-pin PLASTIC SOP and 28-pin PLASTIC TSOP (I) (8 x 13.4 mm).
Features
• 32,768 words by 8 bits organization
• Fast access time: 70, 85, 100, 120, 150 ns (MAX.)
• Low voltage operation (A version: VCC = 3.0 to 5.5 V, B version: VCC = 2.7 to 5.5 V)
• Low VCC data retention: 2.0 V (MIN.)
• /OE input for easy application
Part number
Access time
Operating supply Operating ambient
Supply current
ns (MAX.)
voltage
temperature
At operating
At standby
At data retention
V
°C
mA (MAX.)
μA (MAX.)
μA (MAX.) Note1
μPD43256B-xxL
70, 85
4.5 to 5.5
0 to 70
45
50
3
μPD43256B-xxLL
15
2
μPD43256B-Axx
85, 100
Note2, 120 Note2
3.0 to 5.5
μPD43256B-Bxx Note2
100, 120, 150
2.7 to 5.5
Notes 1. TA
≤ 40 °C, VCC = 3.0 V
2. Access time: 85 ns (MAX.) (VCC = 4.5 to 5.5 V)


Similar Part No. - UPD43256BGU-A12

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGU-A12 NEC-UPD43256BGU-A12 Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGU-A12 NEC-UPD43256BGU-A12 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGU-A12 RENESAS-UPD43256BGU-A12 Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
UPD43256BGU-A12-A RENESAS-UPD43256BGU-A12-A Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD43256BGU-A12

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com