Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T230WAD Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230WAD
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230WAD Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH08T230WAD Datasheet HTML 16Page - Texas Instruments PTH08T230WAD Datasheet HTML 17Page - Texas Instruments PTH08T230WAD Datasheet HTML 18Page - Texas Instruments PTH08T230WAD Datasheet HTML 19Page - Texas Instruments PTH08T230WAD Datasheet HTML 20Page - Texas Instruments PTH08T230WAD Datasheet HTML 21Page - Texas Instruments PTH08T230WAD Datasheet HTML 22Page - Texas Instruments PTH08T230WAD Datasheet HTML 23Page - Texas Instruments PTH08T230WAD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
www.ti.com
C − Capacitance −
µF
20
10
9
8
7
30
40
50
60
Without TurboTrans
With TurboTrans
C − Capacitance −
µF
20
10
9
8
7
30
40
50
60
Without TurboTrans
With TurboTrans
R
TT
=40x
1-(C
/1000)
O
5 x(C
/1000)-1
O
(k
)
W
[]
(4)
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
PTH08T230W Type C Capacitors
12-V INPUT
5-V INPUT
Figure 16. Capacitor Type C, 5000 < C(
µF) x ESR(mΩ) ≤
Figure 17. Capacitor Type C, 5000 < C(
µF) x ESR(mΩ) ≤
10,000
10,000
(e.g. OS-CON)
(e.g. OS-CON)
Table 6. Type C TurboTrans CO Values and Required RTT Selection Table
Transient Voltage Deviation (mV)
12 V Input
5 V Input
CO
RTT
CO
RTT
25% load step
50% load step
75% load step
Minimum
Required
Minimum
Required
(1.5 A)
(3 A)
(4.5 A)
Required Output
TurboTrans
Required Output
TurboTrans
Capacitance (
µF)
Resistor (k
Ω)
Capacitance (
µF)
Resistor (k
Ω)
75
150
225
200
open
200
open
60
120
180
230
205
250
121
50
100
150
300
56.2
310
49.9
40
80
120
390
25.5
400
24.3
30
60
90
570
9.31
580
8.87
25
50
75
720
4.32
730
4.12
20
40
60
960
0.422
980
0.205
15
30
45
3100
short
4000
short
RTT Resistor Selection
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming equation:
Where CO is the total output capacitance in µF. CO values greater than or equal to 1000 µF require RTT to be
a short, 0
Ω.
To ensure stability, a minimum amount of output capacitance is required for a given RTT resistor value. The
value of RTT must be calculated using the minimum required output capacitance determined from the
capacitor transient response charts above.
20
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH08T230W PTH08T231W


Similar Part No. - PTH08T230WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230WAD TI-PTH08T230WAD Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T230WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com