Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ALS176 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ALS176
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ALS176 Datasheet(HTML) 2 Page - Texas Instruments

  SN65ALS176 Datasheet HTML 1Page - Texas Instruments SN65ALS176 Datasheet HTML 2Page - Texas Instruments SN65ALS176 Datasheet HTML 3Page - Texas Instruments SN65ALS176 Datasheet HTML 4Page - Texas Instruments SN65ALS176 Datasheet HTML 5Page - Texas Instruments SN65ALS176 Datasheet HTML 6Page - Texas Instruments SN65ALS176 Datasheet HTML 7Page - Texas Instruments SN65ALS176 Datasheet HTML 8Page - Texas Instruments SN65ALS176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
tsk(lim)†
SMALL OUTLINE
(D)‡
PLASTIC DIP
(P)
0
°C to 70°C
10
7.5
5
SN75ALS176D
SN75ALS176AD
SN75ALS176BD
SN75ALS176P
SN75ALS176AP
SN75ALS176BP
–40
°C to 85°C
15
SN65ALS176D
SN65ALS176P
† This is the maximum range that the driver or receiver delay times vary over
temperature, VCC, and process (device to device).
‡ The D package is available taped and reeled. Add the suffix R to the device
type (e.g., SN75ALS176DR).
Function Tables
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance
RECEIVER
DIFFERENTIAL
INPUTS
A–B
ENABLE
RE
OUTPUT
R
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Inputs open
L
H
H = high level, L = low level, X = irrelevant,
Z = high impedance
logic symbol§
§ This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
4
D
EN2
2
R
1
A
6
B
7
EN1
3
DE
RE
2
1
1
logic diagram (positive logic)
3
4
2
1
6
7
DE
D
RE
R
A
B
Bus


Similar Part No. - SN65ALS176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
320Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
486Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176D TI-SN65ALS176D Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN65ALS176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com