Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T230W Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230W Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08T230W Datasheet HTML 5Page - Texas Instruments PTH08T230W Datasheet HTML 6Page - Texas Instruments PTH08T230W Datasheet HTML 7Page - Texas Instruments PTH08T230W Datasheet HTML 8Page - Texas Instruments PTH08T230W Datasheet HTML 9Page - Texas Instruments PTH08T230W Datasheet HTML 10Page - Texas Instruments PTH08T230W Datasheet HTML 11Page - Texas Instruments PTH08T230W Datasheet HTML 12Page - Texas Instruments PTH08T230W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA ( VI = 12 V)
IO − OutputCurrent − A
0
0.5
1.5
1
2.5
0
1
2
5
6
V
O
=2.5V
V
O
=3.3V
V
O
=5V
V
O
=1.8V
V
O
=1.5V
V
O
=1.2V
2
3
4
IO − OutputCurrent − A
50
55
60
65
75
85
95
100
0
1
2
3
4
5
6
70
80
90
V
=5V
O
V
O
=2.5V
V
O
=1.8V
V
O
=1.5V
V
O
=3.3V
V
O
=1.2V
I
− OutputCurrent − A
O
5
10
15
25
1
2
3
5
4
6
0
0
20
V
=5V
O
V
O
=3.3V
V
O
=1.2V
V
O
=1.5V
V
O
=1.8V
V
O
=2.5V
IO − OutputCurrent − A
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
100LFM
NatConv
V
=5V
O
IO − OutputCurrent − A
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
100LFM
NatConv
V
=3.3V
O
IO − OutputCurrent − A
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
NatConv
V
=1.2V
O
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
(1)
The electrical characteristic data has been developed from actual products tested at 25C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 4 and Figure 5.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PTH08T230W PTH08T231W


Similar Part No. - PTH08T230W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAD TI-PTH08T230WAD Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAS TI-PTH08T230WAS Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAZ TI-PTH08T230WAZ Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T230W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com