Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73213DBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS73213DBVTG4
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73213DBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73213DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 12Page - Texas Instruments TPS73213DBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
10
µs/div
50mV/tick
50mV/tick
50mV/tick
50mA/tick
V
IN = 3.8V
C
OUT = 0µF
C
OUT = 1µF
C
OUT = 10µF
10mA
250mA
V
OUT
V
OUT
V
OUT
I
OUT
10
µs/div
50mV/div
50mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 250mA
5.5V
4.5V
dV
IN
dt
= 0.5V/
µs
C
OUT = 0µF
C
OUT = 100µF
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
OUT = 1µF
V
OUT
V
EN
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
OUT = 1µF
V
OUT
V
EN
6
5
4
3
2
1
0
−1
−2
50ms/div
V
IN
V
OUT
10
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
°C)
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73233
TPS73233
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 21.
Figure 22.
TPS73233
TPS73233
TURN-ON RESPONSE
TURN-OFF RESPONSE
Figure 23.
Figure 24.
TPS73233
POWER UP / POWER DOWN
IENABLE vs TEMPERATURE
Figure 25.
Figure 26.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS732xx


Similar Part No. - TPS73213DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73213DBVTG4 TI-TPS73213DBVTG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73213DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com