Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7101Q Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS7101Q
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101Q Datasheet(HTML) 2 Page - Texas Instruments

  TPS7101Q Datasheet HTML 1Page - Texas Instruments TPS7101Q Datasheet HTML 2Page - Texas Instruments TPS7101Q Datasheet HTML 3Page - Texas Instruments TPS7101Q Datasheet HTML 4Page - Texas Instruments TPS7101Q Datasheet HTML 5Page - Texas Instruments TPS7101Q Datasheet HTML 6Page - Texas Instruments TPS7101Q Datasheet HTML 7Page - Texas Instruments TPS7101Q Datasheet HTML 8Page - Texas Instruments TPS7101Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
0.1
0.05
0
0
0.05 0.1 0.15 0.2 0.25 0.3
0.15
0.2
0.25
0.35 0.4 0.45 0.5
IO – Output Current – A
TA = 25°C
TPS7148
TPS7150
TPS7133
Figure 1. Dropout Voltage Versus Output Current
Power good (PG) reports low output voltage and can be used to implement a power-on reset or a low-battery
indicator.
The TPS71xx is offered in 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for adjustable version). The TPS71xx family is available in PDIP
(8 pin), SO (8 pin), and TSSOP (20-pin) packages. The TSSOP has a maximum height of 1,2 mm.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
PACKAGED DEVICES
CHIP FORM
TJ
MIN
TYP
MAX
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
TSSOP
(PW)
(Y)
4.9
5
5.1
TPS7150QD
TPS7150QP
TPS7150QPW
TPS7150Y
4.75
4.85
4.95
TPS7148QD
TPS7148QP
TPS7148QPW
TPS7148Y
– 40
°C to 125°C
3.23
3.3
3.37
TPS7133QD
TPS7133QP
TPS7133QPW
TPS7133Y
Adjustable†
1.2 V to 9.75 V
TPS7101QD
TPS7101QP
TPS7101QPW
TPS7101Y
† The D and PW packages are available taped and reeled. Add R suffix to device type (e.g., TPS7150QDR). The TPS7101Q is
programmable using an external resistor divider (see application information). The chip form is tested at 25
°C.


Similar Part No. - TPS7101Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI1-TPS7101Q Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QD TI-TPS7101QD Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QD TI-TPS7101QD Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7101Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com