Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75201QPWPG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS75201QPWPG4
Description  RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201QPWPG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS75201QPWPG4 Datasheet HTML 17Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 18Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 19Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 20Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 21Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 22Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 23Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 24Page - Texas Instruments TPS75201QPWPG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
Board thickness
62 mils(0.15748cm)
Boardsize
3.2in.x3.2in.
Boardmaterial
FR4
Coppertrace/heatsink
1 oz
Exposedpadmounting
63/67tin/lead(Sn/Pb)solder
Heatsink Area
1ozCopper
P
=
D(Max)
T
T
R
-
J(Max)
A
JA (System)
q
(5)
P
=(V
V
)
I
+V
I
-
D(total)
IN
OUT
OUT
IN
Q
´
´
(6)
P
=(V
V
)
I
-
D(total)
IN
OUT
OUT
´
(7)
P
=
D(Max)
T
T
R
-
J(Max)
A
JA (System)
q
=
=1.4W
125
-
°
C
°
°
C
C/W
55
50
(8)
P
=(V
V
)
I
-
D(total)
IN
OUT
OUT
´
=(5
3.3)
0.8=1.36W
-
´
(9)
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
Figure 29 is an example of a thermally-enhanced PWB layout for use with the new PWP package. This board
configuration was used in the thermal experiments that generated the power ratings shown in Figure 27 and
Figure 28. As discussed earlier, copper has been added on the PWB to conduct heat away from the device. RθJA
for this assembly is illustrated in Figure 27 as a function of heatsink area. A family of curves is included to
illustrate the effect of airflow introduced into the system.
Figure 29. PWB Layout (Including Copper Heatsink Area) for Thermally-Enhanced PWP Package
From Figure 27, RθJA for a PWB assembly can be determined and used to calculate the maximum
power-dissipation limit for the component/PWB assembly, with the equation:
Where TJmax is the maximum specified junction temperature (+150°C absolute maximum limit, +125°C
recommended operating limit) and TA is the ambient temperature.
PD(max) should then be applied to the internal power dissipated by the TPS75433QPWP regulator. The equation
for calculating total internal power dissipation of the TPS75433QPWP is:
Because the quiescent current of the TPS75433QPWP is very low, the second term is negligible, further
simplifying the equation to:
For the case where TA = +55°C, airflow = 200 ft/min, copper heat-sink area = 4 cm
2, the maximum
power-dissipation limit can be calculated. First, from Figure 27, we find the system RθJA is 50°C/W; therefore, the
maximum power-dissipation limit is:
If the system implements a TPS75433QPWP regulator, where VIN = 5 V and IOUT = 800 mA, the internal power
dissipation is:
Comparing PD(total) with PD(max) reveals that the power dissipation in this example does not exceed the calculated
limit. When it does, one of two corrective actions should be made: either raise the power-dissipation limit by
increasing the airflow or the heat-sink area, or loweri the internal power dissipation of the regulator by reducing
the input voltage or the load current. In either case, the above calculations should be repeated with the new
system parameters.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21


Similar Part No. - TPS75201QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201QPWPG4 TI1-TPS75201QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPG4 TI1-TPS75201QPWPG4 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPG4 TI1-TPS75201QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75201QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com