Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75201QPWP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201QPWP
Description  RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201QPWP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS75201QPWP Datasheet HTML 16Page - Texas Instruments TPS75201QPWP Datasheet HTML 17Page - Texas Instruments TPS75201QPWP Datasheet HTML 18Page - Texas Instruments TPS75201QPWP Datasheet HTML 19Page - Texas Instruments TPS75201QPWP Datasheet HTML 20Page - Texas Instruments TPS75201QPWP Datasheet HTML 21Page - Texas Instruments TPS75201QPWP Datasheet HTML 22Page - Texas Instruments TPS75201QPWP Datasheet HTML 23Page - Texas Instruments TPS75201QPWP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
300 ft/min
150 ft/min
Natural Convection
(b)
300 ft/min
150ft/min
Natural Convection
(c)
1.0
0.5
3.0
0
2.0
1.5
2.5
3.5
300 ft/min
150ft/min
Natural Convection
(a)
0.3
CopperHeatsinkArea
cm
-
2
0
2
4
6
8
T
=+25 C
A
°
T
=+55 C
A
°
T
=+105 C
A
°
1.0
0.5
3.0
0
2.0
1.5
2.5
3.5
0.3
CopperHeatsinkArea
cm
-
2
0
2
4
6
8
0.3
CopperHeatsinkArea
cm
-
2
0
2
4
6
8
1.0
0.5
3.0
0
2.0
1.5
2.5
3.5
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
Figure 28. Power Ratings of the PWP Package at Ambient Temperatures of +25
°C, +55°C, and +105°C
20
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75201QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201QPWP TI-TPS75201QPWP Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWP TI1-TPS75201QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWP TI1-TPS75201QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWP TI1-TPS75201QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPG4 TI1-TPS75201QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75201QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com