Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM54S816T-6G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TM54S816T-6G
Description  SPECIFICATION FOR APPROVAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TM54S816T-6G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TM54S816T-6G Datasheet HTML 1Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 2Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 3Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 4Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 5Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 6Page - List of Unclassifed Manufacturers TM54S816T-6G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TMC
TM54S816T-6G
For reference only.
2
TMC
Rev: 1.1
Description
The TM54S816T is organized as 4-bank x 2097152-word x 16-bit(8Mx16),
fabricated with high performance CMOS technology. Synchronous design
allows precise cycle control with the use of system clock I/O transactions are
possible on every clock cycle. Range of operating frequencies, programmable
burst length and programmable latencies allow the same device to be useful
for a variety of high bandwidth, high performance memory system applications.
Features
Package: 400-mil 54-pin TSOP(II)
JEDEC PC133/PC100 compatible
Single 3.3V Power Supply
LVTTL Signal Compatible
Programmable
- CAS Latency (3 or 2 clocks)
- Burst Length (1,2,4, 8 & full page)
- Burst type (Sequential & Interleave)
Burst read/write and burst read/single
write operations capability
Byte control(DQML and DQMU)
Auto and Self Refresh
64ms refresh period (4K Refresh)
12-Row x 9-Column organization
4-Bank operation controlled by BA1,BA0
Pin36 and 40 are “No Connected”
Fully synchronous operation referenced
to clock rising edge
Frequency vs. AC Parameter
Symbol
Parameter
- 6G
- 7G
- 75G
Unit
f
CK3
Max. operating frequency @CL=3
166
143
133
Mhz
f
CK2
Max. operating frequency @CL=2
133
133
100
Mhz
t
CK3
Min. clock cycle time @CL=3
6.0
7.0
7.5
ns
t
AC3
Max. access time from CLK @CL=3
5.0
5.4
5.4
ns
t
CK2
Min. clock cycle time @CL=2
7.5
7.5
10
ns
t
AC2
Max. access time from CLK @CL=2
5.4
5.4
6.0
ns
t
rcd
Min. row to column delay
15
18
18
ns


Similar Part No. - TM54S816T-6G

ManufacturerPart #DatasheetDescription
logo
Avic Technology
TM54S816T AVICTEK-TM54S816T Datasheet
186Kb / 6P
   Organized as 4-blank x 2097152-word x 16-bit(8Mx16)
More results

Similar Description - TM54S816T-6G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com