Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG03C160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZG03C160
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG03C160 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZG03C160 Datasheet HTML 1Page - Vishay Siliconix BZG03C160 Datasheet HTML 2Page - Vishay Siliconix BZG03C160 Datasheet HTML 3Page - Vishay Siliconix BZG03C160 Datasheet HTML 4Page - Vishay Siliconix BZG03C160 Datasheet HTML 5Page - Vishay Siliconix BZG03C160 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZG03C-Series
Document Number 85593
Rev. 1.7, 15-Sep-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Boards for RthJA definition (copper overlay 35µ)
Figure 2. Total Power Dissipation vs. Ambient Temperature
2.0
1.5
25.0
25.0
2.0
10.0
1.0
5.0
94 9313
a)
b)
0
0
1
2
3
4
94 9580
40
80
120
160
Tamb– Ambient Temperature(°C )
200
RthJA=100K/W
RthJA=25K/W
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse
Length
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9581
VF – Forward Voltage(V)
2.5
0.01
0.1
1
10
10
100
1000
10000
tp – Pulse Length ( ms )
100
94 9582
Figure 5. Thermal Response
1
10
100
1000
tp – Pulse Length(s)
94 9583
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01


Similar Part No. - BZG03C160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C160 VISHAY-BZG03C160 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
logo
EPCOS
BZG03C160 EPCOS-BZG03C160 Datasheet
71Kb / 5P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C160 BILIN-BZG03C160 Datasheet
106Kb / 3P
   ZENER DIODES
logo
Vishay Siliconix
BZG03C160 VISHAY-BZG03C160 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
BZG03C160 VISHAY-BZG03C160 Datasheet
83Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
More results

Similar Description - BZG03C160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com