Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125DCKRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G125DCKRE4
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G125DCKRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVC1G125DCKRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
SN74LVC1G125
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCES223O – APRIL 1999 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
A or OE
II
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
inputs
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆I
CC
One input at VCC – 0.6 V, Other inputs at VCC or GND
3 V to 5.5 V
500
µA
CI
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
5
Submit Documentation Feedback


Similar Part No. - 74LVC1G125DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G125DCKRE4 TI-74LVC1G125DCKRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DCKRE4 TI-74LVC1G125DCKRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DCKRE4 TI1-74LVC1G125DCKRE4 Datasheet
1Mb / 37P
[Old version datasheet]   SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
74LVC1G125DCKRE4 TI1-74LVC1G125DCKRE4 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Similar Description - 74LVC1G125DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com