Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW5210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5210
Description  24-bit, 103 dB SNR audio DAC with playback time extender
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5210 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5210 Datasheet HTML 1Page - STMicroelectronics STW5210 Datasheet HTML 2Page - STMicroelectronics STW5210 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/3
3
STw5210
24-bit, 103 dB SNR audio DAC with playback time extender
Features
DAC
– 24-bit audio DAC
– 103 dB dynamic range for the full audio
path
– THD -66 dB (0.0 5%) on 32
Ω
– Sampling rate: 8 kHz to 48 kHz
– Operating mode selection: PTE
™playback
time extender or standard (continuous)
mode
– SNR and consumption adjustable by
register (4 steps)
Supply
– Direct connection to the battery
(2.7 V to 4.8 V) thanks to integrated power
management
– I/O supply: 1.62 V to 3.6 V
Power consumption
– Stand-by: 1 µW
– Playback: 44 mW for 103 dB SNR,
29 mW for 94 dB SNR
PTE
function
– Integrated programmable PTE
™ memory to
store up to 100 ms of music
(5120 x 24-bit stereo words).
– Empty PTE
memory detection pin
– Auto-reset interrupt
Inputs
–I2S digital input up to 50 MHz
(in PTE
mode)
– Stereo single ended or differential analog
input
Clock
– 32 kHz only needed in PTE
™ mode
– System clock input (13 MHz, 19.2 MHz,
26 MHz and 38.4 MHz) for standard
(continuous) mode
– Internal PLL
Analog output drivers
– Stereo headset amplifier
- ‘True ground’ output amplifier
(no coupling capacitor).
- 2x50 mW on 32
Ω and 2x80 mW on 16 Ω
- 66 dB programmable gain
- Plug detection, click/pop suppression,
independent right and left channel
shutdown control
– Stereo differential line out
RoHS (lead-free) packages
Description
The STw5210 is a 24-bit high performance DAC
for mobile handset application with 103 dB
dynamic range for the whole audio path.
It embeds an innovative PTE
™ function that
reduces drastically the whole application power
consumption. In this mode, the music is played
back autonomously, while the whole system is
switched to power saving condition. The IC is then
driven by the 32 kHz clock only. The device can
be used also in a conventional way (continuous
mode) and be driven by the system clock.
STw5210 is very easy to integrate and thanks to
its embedded power management, it can be
directly connected to the battery.
The device foot print is very small as the EBOM is
reduced to a few components. The 50 mW
headset amplifier is of “True-ground” type (no
coupling capacitor) and no additional quartz is
required in PTE
™ mode, when the PLL is driven
by the 32 kHz frequency.
2.6x2.6x0.6mm
0.4mm pitch
WLCSP-36
4x4x1.2mm
0.5mm pitch
TFBGA-40
0.5mm pitch
7x7x1mm
VQFPN-44
www.st.com


Similar Part No. - STW5210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5210 STMICROELECTRONICS-STW5210 Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
STW52100K/HK STMICROELECTRONICS-STW52100K/HK Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
STW52100KT/HF STMICROELECTRONICS-STW52100KT/HF Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
STW521025T/LF STMICROELECTRONICS-STW521025T/LF Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
STW521062/HF STMICROELECTRONICS-STW521062/HF Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
More results

Similar Description - STW5210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5210 STMICROELECTRONICS-STW5210_08 Datasheet
235Kb / 4P
   24-bit, 103 dB SNR audio DAC with playback time extender
STW5200 STMICROELECTRONICS-STW5200_08 Datasheet
123Kb / 4P
   24-bit, 103 dB SNR audio DAC
STW5200 STMICROELECTRONICS-STW5200 Datasheet
95Kb / 3P
   24-bit, 103 dB SNR audio DAC
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
   93 dB SNR Playback Stereo Channels
AT73C240 ATMEL-AT73C240_14 Datasheet
1Mb / 38P
   90 dB SNR Playback Stereo Channels
logo
Nuvoton Technology Corp...
NAU8401 NUVOTON-NAU8401 Datasheet
1Mb / 69P
   24-bit Stereo Audio DAC with Speaker Driver
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
   24-bit 192kHz Stereo Audio DAC
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
   6-Channel Audio DAC, 24-bit, 192kHz
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com