Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2S06A33 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2S06A33 Datasheet HTML 4Page - STMicroelectronics ST2S06A33 Datasheet HTML 5Page - STMicroelectronics ST2S06A33 Datasheet HTML 6Page - STMicroelectronics ST2S06A33 Datasheet HTML 7Page - STMicroelectronics ST2S06A33 Datasheet HTML 8Page - STMicroelectronics ST2S06A33 Datasheet HTML 9Page - STMicroelectronics ST2S06A33 Datasheet HTML 10Page - STMicroelectronics ST2S06A33 Datasheet HTML 11Page - STMicroelectronics ST2S06A33 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
ST2S06A33 - ST2S06B - ST2S06D33
8/21
Table 8.
Electrical characteristics for ST2S06D33 (VIN_SW = VIN_A = 5 V, V01 = 3.3 V, VO2 = 1.2 V,
C1 = 4.7 µF, C2 = C3 = 22 µF, L1 = L2 = 3.3 µH, TJ = -30 to 125 °C unless otherwise
specified. Typical values are referred to 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OUT1
Output feedback pin
3.23
3.3
3.37
V
FB2
Feedback voltage
784
800
816
mV
IO1
IO1 pin bias current
VO = 3.5 V
15
20
µA
IFB2
VFB pin bias current
VFB = 1 V
600
nA
IQ
Quiescent current
VFB = 1 V
1.2
mA
IO1,2
Output current
VIN = 4 to 5.5 V
(1)
0.8
A
IMIN
Minimum output current
1
mA
%VO1,2/ΔVI
N
Reference line regulation
4V < VIN < 5.5 V
0.032
%VO/
VIN
ΔVO1,2
Reference load regulation
10mA < IO < 0.5 A
5.5
15
mV
PWM fS
PWM switching
frequency(1)
VFB = 0.7 V, TA = 25°C
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
VFB = 0.7 V, TA = 25°C
85
94
%
ISWL
Switching current limitation
1
1.2
A
ILKN
NMOS leakage current
VFB = 0.9 V, TA = 25°C
0.1
µA
ILKP
PMOS leakage current
VFB = 0.9 V, TA = 25°C
0.1
µA
RDSon-N
NMOS switch on resistance ISW = 250 mA
0.15
0.3
Ω
RDSon-P
PMOS switch on resistance ISW = 250 mA
0.2
0.4
Ω
η
Efficiency
IO = 20 mA to 100 mA
75
%
IO = 100 mA to 0.5 A
90
%
TSHDN
Thermal shut down (2)
130
150
°C
THYS
Thermal shut down
hysteresis (2)
15
°C
ΔVO1,2/ΔIO Load transient response (2)
100 mA < IO < 500 mA
tR = tF => 100 ns, TA = 25°C
-5
+5
%VO
Reset section
tDEL
Delay time
TA = 25°C
52
65
78
ms
VRES
Reset in threshold
measured on input pin
VIN_A Rising
4.55
V
VIN_A Falling
3.625
3.7
3.775
1.
VO= 90% of nominal value.
2.
Guaranteed by design, but not tested in production.


Similar Part No. - ST2S06A33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33PQR STMICROELECTRONICS-ST2S06A33PQR Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
More results

Similar Description - ST2S06A33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com