Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C512NI-15T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28C512NI-15T
Description  512K-Bit CMOS PARALLEL EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C512NI-15T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28C512NI-15T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C512NI-15T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT28C512/513
4
Doc. No. 1007, Rev. A
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
28C512/513-12 28C512/513-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
120
150
ns
tCE
CE Access Time
120
150
ns
tAA
Address Access Time
120
150
ns
tOE
OE Access Time
50
70
ns
tLZ(1)
CE Low to Active Output
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
ns
A.C. CHARACTERISTICS, Read Cycle
VCC=5V + 10%, Unless otherwise specified
Symbol
Parameter
Min.
Max
Units
tPUR (1)
Power-up to Read Operation
100
µs
tPUW (2)
Power-up to Write Operation
5
10
ms
Power-Up Timing


Similar Part No. - CAT28C512NI-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C512NI-15T CATALYST-CAT28C512NI-15T Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C512NI-15T CATALYST-CAT28C512NI-15T Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C512NI-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C512 ONSEMI-CAT28C512 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com