Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFWLB455KBFA-B0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CFWLB455KBFA-B0
Description  Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFWLB455KBFA-B0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CFWLB455KBFA-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CFWLB455KBFA-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
35
12
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
Ceramic Filters (CERAFILr)/Ceramic Discriminators for Communications Equipment
CERAFILr Plastic Case Miniaturized Type CFULB_A Series
CFULB_A series ceramic filters are miniature, high
performance ceramic filters composed of piezoelectric
elements connected in a ladder form.
These filters, with only 6.3mm high, are 65% the
volume of conventional types. (CFULA455K_A series)
They are well suited for miniaturizing various kinds
of communications equipment, pocket pagers, car
radios, cordless telephones and mobile telephones.
s Features
1. Miniature and high selectivity.
2. A variety of bandwidths are available.
3. Operating temperature range : -20 to +80 (degree C)
Storage temperature range : -40 to +85 (degree C)
1.8
±0.3
2.4
±0.3
6.5
±0.3
0.8
±0.3
0.5
±0.1
0.7
±0.1
0.7
±0.3
(1)
(2)
(3)
(4)
0.15
±0.05
Connection
(1) : Input
(2) : Output
(3)
: Ground
(4)
(in mm)
Type
CFULB455KB2A-B0
CFULB455KC2A-B0
CFULB455KD4A-B0
CFULB455KE4A-B0
CFULB455KF4A-B0
CFULB455KG1A-B0
CFULB455KH1A-B0
CFULB455KJ1A-B0
Marking
55B
55C
55D
55E
55F
55G
55H
55I
}
MARKING
EIAJ
CODE
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion
Loss
(dB)
Input/Output
Impedance
(ohm)
CFULB455KB2A-B0
455.0
±2.0kHz
fn
±15.0
min.
fn
±30.0 max.
[within 40dB]
27 min.
[within fn
±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KC2A-B0
455.0
±2.0kHz
fn
±12.5
min.
fn
±24.0 max.
[within 40dB]
27 min.
[within fn
±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KD4A-B0
455.0
±1.5kHz
fn
±10.0
min.
fn
±20.0 max.
[within 40dB]
27 min.
[within fn
±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KE4A-B0
455.0
±1.5kHz
fn
±7.5
min.
fn
±15.0 max.
[within 40dB]
27 min.
[within fn
±100kHz]
6.0 max.
[at minimum loss point]
1500
CFULB455KF4A-B0
455.0
±1.5kHz
fn
±6.0
min.
fn
±12.5 max.
[within 40dB]
27 min.
[within fn
±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KG1A-B0
455.0
±1.0kHz
fn
±4.5
min.
fn
±10.0 max.
[within 40dB]
25 min.
[within fn
±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KH1A-B0
455.0
±1.0kHz
fn
±3.0
min.
fn
±9.0 max.
[within 40dB]
35 min.
[within fn
±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KJ1A-B0
455.0
±1.0kHz
fn
±2.0
min.
fn
±7.5 max.
[within 40dB]
35 min.
[within fn
±100kHz]
6.0 max.
[at minimum loss point]
2000
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
(fn) means nominal center frequency 455kHz.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
s Test Circuit
E1
R1
Rg
S.S.G.
0dBm
R2
E2
RF Voltmeter
Connection
(1) : Input
(2) : Output
(3)(4) :Ground
(1)
(2)
(3)
(4)
Rg+R1=R2=Input/Output Impedance
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specification or to transact the approval sheet for product specificaion before ordering.
!Note
P05E11.pdf 02.9.2


Similar Part No. - CFWLB455KBFA-B0

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLB455KBFA-B0 GOLLEDGE-CFWLB455KBFA-B0 Datasheet
54Kb / 1P
   Ceramic Filter
logo
Murata Manufacturing Co...
CFWLB455KBFA-B0 MURATA-CFWLB455KBFA-B0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
More results

Similar Description - CFWLB455KBFA-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
SFE10.7 MURATA1-SFE10.7 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
logo
Token Electronics Indus...
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
   JTM Ceramic Discriminators
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
logo
Token Electronics Indus...
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com