Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117 Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG1117
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117 Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button REG1117_1 Datasheet HTML 14Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 15Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 16Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 17Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 18Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 19Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 20Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 21Page - Burr-Brown (TI) REG1117_1 Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TO-263
REG1117FA-5.0KTTT
DDPAK/
TO-263
KTT
3
50
330.0
24.4
10.6
15.6
4.9
16.0
24.0
Q2
REG1117FA/500
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.6
15.6
4.9
16.0
24.0
Q2
REG1117FAKTTT
DDPAK/
TO-263
KTT
3
50
330.0
24.4
10.6
15.6
4.9
16.0
24.0
Q2
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REG1117-2.85/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117-3.3/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117-5/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117A-1.8/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117A-2.5/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117A/2K5
SOT-223
DCY
4
2500
358.0
335.0
35.0
REG1117F-3.3/500
DDPAK/TO-263
KTT
3
500
346.0
346.0
41.0
REG1117F-3.3KTTT
DDPAK/TO-263
KTT
3
50
346.0
346.0
41.0
REG1117FA-1.8/500
DDPAK/TO-263
KTT
3
500
346.0
346.0
41.0
REG1117FA-1.8KTTT
DDPAK/TO-263
KTT
3
50
346.0
346.0
41.0
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Mar-2008
Pack Materials-Page 2


Similar Part No. - REG1117_1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117-2.85 BURR-BROWN-REG1117-2.85 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117-2.85 BURR-BROWN-REG1117-2.85 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117-2.85 TI-REG1117-2.85 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117-2.85 TI1-REG1117-2.85 Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117-2.85/2K5 BURR-BROWN-REG1117-2.85/2K5 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117_1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com