Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82562EZ Datasheet(PDF) 12 Page - Intel Corporation

Part # 82562EZ
Description  Dual Footprint
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562EZ Datasheet(HTML) 12 Page - Intel Corporation

Back Button 82562EZ Datasheet HTML 8Page - Intel Corporation 82562EZ Datasheet HTML 9Page - Intel Corporation 82562EZ Datasheet HTML 10Page - Intel Corporation 82562EZ Datasheet HTML 11Page - Intel Corporation 82562EZ Datasheet HTML 12Page - Intel Corporation 82562EZ Datasheet HTML 13Page - Intel Corporation 82562EZ Datasheet HTML 14Page - Intel Corporation 82562EZ Datasheet HTML 15Page - Intel Corporation 82562EZ Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
82562EZ(EX)/82547GI(EI) Dual Footprint Design Guide
4
2.2
CSA Port Connection to 82547GI(EI) Gigabit Ethernet
Controller
The 82547GI(EI) Gigabit Ethernet Controller uses the Communications Streaming Architecture
(CSA) port to connect to the Memory Control Hub (MCH). CSA is a point-to-point interface
supporting one device.
CSA has a theoretical bandwidth of 266 MB/s, sufficient to support Gigabit Ethernet speeds. The
connection to the MCH places the Ethernet controller close to system memory for minimum
latency.
The CSA interface uses IGTL buffers to achieve very high data speeds while controlling
transmission line characteristics. For details on connecting the CSA interface between the
82547GI(EI) Gigabit Ethernet Controller and the MCH, please refer to the Intel® 865 Chipset
design guide, or the Intel® 875 Chipset design guide.
2.2.1
Generation/Distribution of Reference Voltages
The 11-bit CSA port on the 82547GI(EI) controller has a dedicated CI_VREF pin to sample the
reference voltage. The nominal CSA port reference voltage is 0.35 V ± 3%. In addition to the
reference voltage, a reference swing voltage, CI_SWING must be supplied to control buffer
voltage swing characteristics. The nominal CSA port reference voltage swing must be 0.8 V ± 3%.
Figure 2. CSA Port Locally Generated Reference Divider Circuits
Table 3.
CSA Port Reference Circuit Specifications
Reference Voltage
Specification (V)
Reference Swing Voltage
Specification (V)
1.2 V Voltage Divider Circuit
Recommended Resistor Values (
Ω)
0.350 ± 3%
0.8 ± 3%
R1 = 523 ± 1%
R2 = 665 ± 1%
R3 = 604 ± 1%
Intel®
82547GI(EI)
0.35 V
0.8 V
CI_SWING
CI_VREF
R1
R2
R3
C2
C1
C1
C2
1.2V


Similar Part No. - 82562EZ

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results

Similar Description - 82562EZ

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DXXX-SL-25 ADAM-TECH-DXXX-SL-25 Datasheet
113Kb / 1P
   FOOTPRINT D-SUB SOCKET FOOTPRINT
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
CUI INC
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
logo
CUI INC
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-2021 AVAGO-ACFM-2021 Datasheet
244Kb / 3P
   PCB footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com