Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6C3-CWZ3XH Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E6C3-CWZ3XH
Description  An Encoder That Offers Durability and Convenience
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6C3-CWZ3XH Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E6C3-CWZ3XH Datasheet HTML 12Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 13Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 14Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 15Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 16Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 17Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 18Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 19Page - Omron Electronics LLC E6C3-CWZ3XH Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
E6C3 Rotary Encoder (Incremental/Absolute)
19
■ Accessories (Order Separately)
Extension Cable
E69-DF5
Note: The Cable can be extended up to 100 m for connecting the H8PS Cam Positioner.
E69-C08B
E69-C68B (With Ends of Different Diameter)
Flanges
Servo Mounting Bracket
E69-2 (A Set of Three)
16.9 dia.
16.9 dia.
34.6
(See note 2.)
(See note 3.)
(See note 1.)
37
5,000
Note 1: 6-dia. oil-proof PVC, shielded 12-conductor cable (conductor cross-section:
0.2 mm2; insulation diameter: 1.1 mm); standard length: 5 m
2: Connects to the connector of the E6C3-AG5C-C.
3: Connects to the H8PR Rotary Positioner and H8PS Cam Positioner.
19 dia.
8H8 dia.
8H8 dia.
Note: Material: Glass-reinforced PBT
Four, M4 hexagon
set screws
19 dia.
8H8 dia.
6H8 dia.
Brass bushing
Four, M4 hexagon
socket heat setscrews
Note: The coupling is made of
glass-reinforced PBT.
120
°
30 dia.
68 dia.
±0.2
Three, M5
Panel
120
°
40
±0.1 dia.
56 dia.
30.2
±0.1 dia.
Material: SPCC (t=3.2)
Material: SPCC (t=3.2)
E69-FCA03
E69-FCA04
Four,
4.5 dia.
Three, 4.5 dia, M4
screw-head holes
Four, R3
Three, 4.5 dia,
M4 screw-
head holes
30.2
±0.1 dia.
40
±0.1 dia.
Mounting Bracket Installation
5.5-dia. hole
Two, C1


Similar Part No. - E6C3-CWZ3XH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C3-AG5C-C2561M OMRON-E6C3-AG5C-C2561M Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
E6C3-AG5C-C2562M OMRON-E6C3-AG5C-C2562M Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
E6C3-AG5C-C3602M OMRON-E6C3-AG5C-C3602M Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
E6C3-AG5C-C7202M OMRON-E6C3-AG5C-C7202M Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
More results

Similar Description - E6C3-CWZ3XH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA8111 ETC2-PA8111 Datasheet
517Kb / 2P
   High-grade, hardened steel frame offers superior performance and durability
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-16-1A6 OMRON-V-16-1A6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
Omron Electronics LLC
B3SE OMRON-B3SE Datasheet
180Kb / 2P
   PCB surface-mounting 6-mm square type that achieves high durability with an ultra-thin, sealed structure.
logo
List of Unclassifed Man...
MO2018 ETC2-MO2018 Datasheet
3Mb / 4P
   MAGIGOO® is an all-in-one 3D printing adhesive that offers sure adhesion with easy release
Ver 1.5 February 2019
MO2016 ETC2-MO2016 Datasheet
3Mb / 4P
   MAGIGOO® is an all-in-one 3D printing adhesive that offers sure adhesion with easy release
Ver 1.5 February 2019
logo
Lumileds Lighting Compa...
DS138 LUMILEDS-DS138 Datasheet
2Mb / 20P
   Retail lighting that makes an impact
logo
KODENSHI_AUK CORP.
ORA1L02 KODENSHI-ORA1L02 Datasheet
205Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
ORA1L03 KODENSHI-ORA1L03 Datasheet
140Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com