Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82562EZ Datasheet(PDF) 32 Page - Intel Corporation

Part # 82562EZ
Description  Dual Footprint
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562EZ Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82562EZ_08 Datasheet HTML 28Page - Intel Corporation 82562EZ_08 Datasheet HTML 29Page - Intel Corporation 82562EZ_08 Datasheet HTML 30Page - Intel Corporation 82562EZ_08 Datasheet HTML 31Page - Intel Corporation 82562EZ_08 Datasheet HTML 32Page - Intel Corporation 82562EZ_08 Datasheet HTML 33Page - Intel Corporation 82562EZ_08 Datasheet HTML 34Page - Intel Corporation 82562EZ_08 Datasheet HTML 35Page - Intel Corporation 82562EZ_08 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
82562EZ(EX)/82547GI(EI) Dual Footprint Design Guide
24
The reference plane for the differential pairs should be continuous and low impedance. It is
recommended that the reference plane be either ground or 1.8 V (the voltage used by the
PHY). This provides an adequate return path for and high frequency noise currents.
Do not route differential pairs over splits in the associated reference plane.
Differential termination components should be placed as close as possible to the LAN silicon.
4.1.5
Signal Trace Geometry
The key factors in controlling trace EMI radiation are the trace length and the ratio of trace-width
to trace-height above the ground plane. To minimize trace inductance, high-speed signals and
signal layers that are close to a ground or power plane should be as short and wide as practical.
Ideally, this trace width to height above the ground plane ratio is between 1:1 and 3:1. To maintain
trace impedance, the width of the trace should be modified when changing from one board layer to
another if the two layers are not equidistant from the power or ground plane.
Each pair of signal should have a differential impedance of 100
Ω. +/- 20%. If a particular tool
cannot design differential traces, it is permissible to specify 55-65
Ω single-ended traces as long as
the spacing between the two traces is minimized. As an example, consider a differential trace pair
on Layer 1 that is eight mils (0.2 mm) wide and two mils (0.05 mm) thick, with a spacing of eight
mils (0.2mm). If the fiberglass layer is eight mils (0.2 mm) thick with a dielectric constant, ER, of
4.7, the calculated single-ended impedance would be approximately 61
Ω and the calculated
differential impedance would be approximately 100
Ω.
When performing a board layout, do not allow the CAD tool auto-router to route the differential
pairs without intervention. In most cases, the differential pairs will have to be routed manually. The
components should be laid out in the following order of priority:
1. Differential traces
2. Termination resistors
3. Bypass capacitors
4. Other components
This allows placing those components in the best locations and avoids using critical space by non-
critical components.
Note:
Measuring trace impedance for layout designs targeting 100
Ω often results in lower actual
impedance. Designers should verify actual trace impedance and adjust the layout accordingly. If
the actual impedance is consistently low, a target of 105 to 110
Ω should compensate for second
order effects.
It is necessary to compensate for trace-to-trace edge coupling, which can lower the differential
impedance by up to 10
Ω, when the traces within a pair are closer than 30 mils (edge to edge).
4.1.6
Trace Length and Symmetry
As indicated earlier in Section 4.1.4, the overall length of differential pairs should be less than four
inches measured from the Ethernet device to the magnetics.
The differential traces should be equal within 50 mils (1.25 mm) within each pair and as
symmetrical as possible. Asymmetrical and unequal length traces in the differential pairs
contribute to common mode noise. Common mode noise can degrade the receive circuit’s
performance and contribute to radiated emissions.


Similar Part No. - 82562EZ_08

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results

Similar Description - 82562EZ_08

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DXXX-SL-25 ADAM-TECH-DXXX-SL-25 Datasheet
113Kb / 1P
   FOOTPRINT D-SUB SOCKET FOOTPRINT
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
CUI INC
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
logo
CUI INC
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-2021 AVAGO-ACFM-2021 Datasheet
244Kb / 3P
   PCB footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com