Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82544EI Datasheet(PDF) 13 Page - Intel Corporation

Part # 82544EI
Description  Gigabit Ethernet Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82544EI Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82544EI Datasheet HTML 9Page - Intel Corporation 82544EI Datasheet HTML 10Page - Intel Corporation 82544EI Datasheet HTML 11Page - Intel Corporation 82544EI Datasheet HTML 12Page - Intel Corporation 82544EI Datasheet HTML 13Page - Intel Corporation 82544EI Datasheet HTML 14Page - Intel Corporation 82544EI Datasheet HTML 15Page - Intel Corporation 82544EI Datasheet HTML 16Page - Intel Corporation 82544EI Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
82544EI Gigabit Ethernet Controller Networking Silicon Datasheet
Datasheet
9
TRDY#
STS
Target Ready. TRDY# indicates the ability of the 82544EI controller (as a
selected device) to complete the current data phase of the transaction.
TRDY# is used in conjunction with IRDY#.
A data phase is completed on any clock in which both TRDY# and IRDY#
are sampled asserted. During a read, TRDY# indicates that valid data is
present on AD[63:0]. During a write, it indicates the target is ready to
accept data. Wait cycles are inserted until both IRDY# and TRDY# are
asserted together. The 82544EI device drives IRDY# when acting as a
slave and samples it when acting as a master.
STOP#
STS
Stop. STOP# indicates the current target is requesting the master to stop
the current transaction. As a slave, the 82544EI controller drives STOP# to
request the bus master to stop the transaction. As a master, the 82544EI
controller receives STOP# from the slave and stops the current transaction.
IDSEL
I
Initialization Device Select. IDSEL is used by the 82544EI device as a
chip select during configuration read and write transactions.
DEVSEL#
STS
Device Select. When being actively driven by the 82544EI controller,
DEVSEL# indicates to the bus master that it has decoded its address as
the target of the current access. As an input, DEVSEL# indicates whether
any device on the bus has been selected.
VIO
P
VIO. VIO is a voltage reference for PCI interface (3.3 V or 5 V). It is used as
the clamping voltage.
NOTE: An external resistor is required between the voltage reference and
the VIO balls.The targeted resistor value is 100 K
Ω.
Signal Name
Type
Name and Function


Similar Part No. - 82544EI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
82540EM INTEL-82540EM Datasheet
304Kb / 44P
   82540EM Gigabit Ethernet Controller
82540EP INTEL-82540EP Datasheet
350Kb / 46P
   82540EP Gigabit Ethernet Controller
82541 INTEL-82541 Datasheet
711Kb / 46P
   Family of Gigabit Ethernet Controllers
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
More results

Similar Description - 82544EI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
logo
Intel Corporation
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
   Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
logo
Intel Corporation
82541ER INTEL-82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82540EM INTEL-82540EM Datasheet
304Kb / 44P
   82540EM Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com