Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEN30JP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FEN30JP
Description  30A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEN30JP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FEN30JP Datasheet HTML 1Page - List of Unclassifed Manufacturers FEN30JP Datasheet HTML 2Page - List of Unclassifed Manufacturers FEN30JP Datasheet HTML 3Page - List of Unclassifed Manufacturers FEN30JP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30A Super Fast Recovery Rectifier
Rev. A/AH 2008-03-28
FEN30FP – FEN30JP
www.taitroncomponents.com
Page 2 of 4
Fig.1-Forward Current Derating Curve
Case Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
FEN
30FP
FEN
30GP
FEN
30HP
FEN
30JP
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage per leg
1.30
1.50
V
IF=15A, TC=25° C
10
TC=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per leg
700
µA
TC=125° C
Trr
Typical Reverse
Recovery Time per leg
50
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance per leg
150
120
pF
VR=4V, f=1MHz
TJ,TSTG
Operating and Storage
Junction Temperature
Range
-65 to +150
° C


Similar Part No. - FEN30JP

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
FEN30JP TAITRON-FEN30JP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
logo
Thinki Semiconductor Co...
FEN30JP THINKISEMI-FEN30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Positive Polarity Power Rectifiers
FEN30JP THINKISEMI-FEN30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Negative Polarity Power Rectifiers
FEN30JP THINKISEMI-FEN30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Doubler Polarity Power Rectifiers
FEN30JP THINKISEMI-FEN30JP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - FEN30JP

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
   30A Super Fast Recovery Rectifier
logo
Diodes Incorporated
SF301 DIODES-SF301 Datasheet
63Kb / 3P
   30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Shindengen Electric Mfg...
D30L60 SHINDENGEN-D30L60 Datasheet
412Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
S30L60 SHINDENGEN-S30L60 Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com