Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1580XX Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD1580XX
Description  7 A very low drop positive voltage regulator adjustable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580XX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD1580XX Datasheet HTML 7Page - STMicroelectronics LD1580XX Datasheet HTML 8Page - STMicroelectronics LD1580XX Datasheet HTML 9Page - STMicroelectronics LD1580XX Datasheet HTML 10Page - STMicroelectronics LD1580XX Datasheet HTML 11Page - STMicroelectronics LD1580XX Datasheet HTML 12Page - STMicroelectronics LD1580XX Datasheet HTML 13Page - STMicroelectronics LD1580XX Datasheet HTML 14Page - STMicroelectronics LD1580XX Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LD1580XX
Package mechanical data
11/15
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.


Similar Part No. - LD1580XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1580 STMICROELECTRONICS-LD1580 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1580K5 STMICROELECTRONICS-LD1580K5 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1580K7-15 STMICROELECTRONICS-LD1580K7-15 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1580K7-18 STMICROELECTRONICS-LD1580K7-18 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1580K7-25 STMICROELECTRONICS-LD1580K7-25 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
More results

Similar Description - LD1580XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1580 STMICROELECTRONICS-LD1580 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085CXX STMICROELECTRONICS-LD1085CXX Datasheet
371Kb / 16P
   3 A low-drop, adjustable positive voltage regulator
logo
Sensitron
SHD501355 SENSITRON-SHD501355 Datasheet
89Kb / 3P
   LOW DROP OUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1085XX STMICROELECTRONICS-LD1085XX_08 Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com