Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QF2600 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # QF2600
Description  Front End ( Antenna) Crystal Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

QF2600 Datasheet(HTML) 1 Page - Advanced XTAL Products

  QF2600 Datasheet HTML 1Page - Advanced XTAL Products QF2600 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
wwwAXTAL.com
Buchfinkenweg 8
page
1(2)
phone: +49 (6226) 9719689
DE-74931 Lobbach
fax: +49 (6226) 970133
Germany
E-mail: info@axtal.com
Products
Specification
QF2600
Issue: 01
Date: 2003-03-10
Filter type :
Front End ( Antenna) Crystal Filter
Parameter
min. typ. max. Unit
Condition
Frequency range
135
180
MHz
Standard frequencies
kHz
Pass bandwidth
±7,5
kHz
@ 3 dB
Pass band ripple
1
dB
@ fo ± 4 kHz
Insertion / transducer attenuation
6
dB
Shape factor SF
… dB / … dB
Selectivity
±25
kHz
@ 20 dB
±60
kHz
@ 60 dB
kHz
@ … dB
Spurious response attenuation
45
dB
Ultimate attenuation
60
dB
Termination
Input
50 // 0
Ω // pF
Output
50 // 0
Ω // pF
Group delay
µs
Input Power
nominal
0,1
mW
Maximum (for 10 sec)
1
mW
Operating temperature range
0
+60
°C
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
61 x 26,2 x 26,2
mm
Terminals
BNC, N or SMA
female
Option I
Weight
gram
Packing
bulk
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-
2
Notes:
1. Terminology and test conditions are according to IEC standard IEC60368-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I Frequency [MHz]
QF2600
BNC
144,250


Similar Part No. - QF2600

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
QF2605 AXTAL-QF2605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
More results

Similar Description - QF2600

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
QF2405 AXTAL-QF2405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1405 AXTAL-QF1405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1605 AXTAL-QF1605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF2605 AXTAL-QF2605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF3105 AXTAL-QF3105 Datasheet
141Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1400 AXTAL-QF1400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1600 AXTAL-QF1600 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF2400 AXTAL-QF2400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3100 AXTAL-QF3100 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3305 AXTAL-QF3305 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF30-05 AXTAL-QF30-05 Datasheet
140Kb / 2P
   Front End ( Antenna) Crystal Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com