Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QF2400 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # QF2400
Description  Front End ( Antenna) Crystal Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

QF2400 Datasheet(HTML) 2 Page - Advanced XTAL Products

  QF2400 Datasheet HTML 1Page - Advanced XTAL Products QF2400 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
wwwAXTAL.com
Buchfinkenweg 8
page
2(2)
phone: +49 (6226) 9719689
DE-74931 Lobbach
fax: +49 (6226) 970133
Germany
E-mail: info@axtal.com
Products
Test
IEC 60068
Part ...
IEC 61178-1
clause ...
Test conditions
Visual inspection,
dimensions
4.5
4.6
Enclosure styles as in IEC
60368-3, if applicable
Sealing tests
2-17
4.8.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
4.8.3
Test Ta (235
± 5)°C Method 1
Test Tb Method 1A, 5s
Shock
2-27
4.8.8
Test Ea, 3 x per axes 100g, 6
ms half-sine pulse
Bump
2-29
4.8.6
Test Eb, 4000 bumps per
Axes, 40g, 6 ms
Free fall
2-32
4.8.9
Test Ed procedure 1,
2 drops from 1m height
Vibration,
sinusoidal
2-6
4.8.7
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz
- 2 kHz, 10g
Rapid change of
temperature
2-14
4.8.5
Test Na, 10 cycles at
extremes of operating
temperature range
Dry heat
2-2
4.8.11
Test Ba, 16 h at upper
temperature indicated by
climatic category
Damp heat, cyclic
2-30
4.8.12
Test Db variant 1 severity b),
55°C/95% r.H., 6 cycles
Cold
2-1
4.8.13
Test Aa, 2 h at lower
temperature indicated by
climatic category
Climatic sequence
1-7
4.8.14
Sequence of 4.8.11, 4.8.12
(1
st cycle), 4.8.13, 4.8.12 (5
cycles)
Damp heat, steady
state
2-3
4.8.15
Test Ca, 56 days
Endurance tests
- ageing
- extended aging
4.9.1
4.9.2
30 days @ 85°C
1000h, 2000h, 8000h @85°C
Enclosure drawing
Pin connections
Terminal Symbol Function
1 *
IN
Input
2 *
OUT
Output
screw
GND
Ground, Case
* marking on request only
Environmental conditions


Similar Part No. - QF2400

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF2403XM MICRODC-QF2403XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
QF2403XMS MICRODC-QF2403XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
QF2403XT MICRODC-QF2403XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
Advanced XTAL Products
QF2405 AXTAL-QF2405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
logo
Microdc power Technolog...
QF2405XM MICRODC-QF2405XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - QF2400

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
QF2405 AXTAL-QF2405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1405 AXTAL-QF1405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1605 AXTAL-QF1605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF2605 AXTAL-QF2605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF3105 AXTAL-QF3105 Datasheet
141Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1400 AXTAL-QF1400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1600 AXTAL-QF1600 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3100 AXTAL-QF3100 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3305 AXTAL-QF3305 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF30-05 AXTAL-QF30-05 Datasheet
140Kb / 2P
   Front End ( Antenna) Crystal Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com