Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXMW8596 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXMW8596
Description  Crystal Controlled Microwave Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXMW8596 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXMW8596 Datasheet HTML 1Page - Advanced XTAL Products AXMW8596 Datasheet HTML 2Page - Advanced XTAL Products AXMW8596 Datasheet HTML 3Page - Advanced XTAL Products AXMW8596 Datasheet HTML 4Page - Advanced XTAL Products AXMW8596 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical spectrum drawing 1:
Typical spectrum drawing 2:
CLRWR
A
Ref
20 dBm
Att
45 dB
1 AP
200 kHz/
Center
9.07 GHz
Span
2 MHz
*
*
RBW 10 kHz
VBW 50 Hz
SWT 8 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
AXTAL GmbH & Co. KG
Wasemweg 5
D-74821 Mosbach
AXMW8596
page 3(5)
www.axtal.com
info@axtal.com
fon: +49 6261 939834
fax: +49 6261 939836


Similar Part No. - AXMW8596

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXMW1030GYT-01 AXTAL-AXMW1030GYT-01 Datasheet
130Kb / 3P
   Gated 1030 MHz Microwave Oscillator
AXMW1090GYT-01 AXTAL-AXMW1090GYT-01 Datasheet
130Kb / 3P
   Gated 1090 MHz Microwave Oscillator
More results

Similar Description - AXMW8596

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Vectron International, ...
OX-202 VECTRON-OX-202 Datasheet
618Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
TCO-679 EPSONTOYOCOM-TCO-679 Datasheet
345Kb / 2P
   Oven Controlled Crystal Oscillator
TCO-6831 EPSONTOYOCOM-TCO-6831 Datasheet
381Kb / 2P
   Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOS MICROCRYSTAL-OCXOS Datasheet
68Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com