Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX208EENG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX208EENG
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX208EENG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX208EENG Datasheet HTML 1Page - Maxim Integrated Products MAX208EENG Datasheet HTML 2Page - Maxim Integrated Products MAX208EENG Datasheet HTML 3Page - Maxim Integrated Products MAX208EENG Datasheet HTML 4Page - Maxim Integrated Products MAX208EENG Datasheet HTML 5Page - Maxim Integrated Products MAX208EENG Datasheet HTML 6Page - Maxim Integrated Products MAX208EENG Datasheet HTML 7Page - Maxim Integrated Products MAX208EENG Datasheet HTML 8Page - Maxim Integrated Products MAX208EENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
_______________________________________________________________________________________
5
±15kV ESD-Protected, +5V RS-232 Transceivers
____________________________Typical Operating Characteristics (continued)
(Typical Operating Circuits, VCC = +5V, TA = +25°C, unless otherwise noted.)
2
0
MAX202E/MAX203E/MAX232E
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4
6
8
10
12
14
1000
2000
3000
4000
5000
+SLEW RATE
-SLEW RATE
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
5.0
7.5
-7.5
0
3000
MAX205E–MAX208E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
-5.0
2.5
LOAD CAPACITANCE (pF)
1000
2000
4000
5000
0
-2.5
VCC = +4.5V, RL = 3k
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/8 DATA RATE
240kbps
240kbps
120kbps
120kbps
20kbps
20kbps
45
50
20
0
3000
MAX205E–MAX208E
SUPPLY CURRENT
vs. LOAD CAPACITANCE
25
40
LOAD CAPACITANCE (pF)
1000
2000
4000
5000
35
30
VCC = +4.5V, RL = 3k
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/8 DATA RATE
240kbps
120kbps
20kbps
10
12
0
0
3000
MAX205E–MAX208E
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
2
8
LOAD CAPACITANCE (pF)
1000
2000
4000
5000
6
4
20
18
16
14
VCC = +4.5V, RL = 3k
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/8 DATA RATE
FALL
RISE
2.5
5.0
-10.0
0
180
MAX205E–MAX208E
OUTPUT VOLTAGE vs. DATA RATE
-7.5
0
DATA RATE (kbps)
60
120
240
150
30
90
210
-2.5
-5.0
10.0
7.5
VCC = +4.5V, RL = 3k
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/8 DATA RATE
V+
V-
VOUT+
VOUT-


Similar Part No. - MAX208EENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX208EENG MAXIM-MAX208EENG Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Analog Devices
MAX208EENG AD-MAX208EENG Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX208EENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com