Electronic Components Datasheet Search |
|
EM6156K800WTA-70I Datasheet(PDF) 3 Page - Eorex Corporation |
|
EM6156K800WTA-70I Datasheet(HTML) 3 Page - Eorex Corporation |
3 / 12 page 256Kx16 LP SRAM EM6156K600V Series 3 DCC-SR-041003-A ABSOLUTE MAXIMUN RATINGS* PARAMETER SYMBOL RATING UNIT Terminal Voltage with Respect to Vss VTERM -0.5 to 4.6 V 0 to 70(C grade) -20 to 80(E grade) Operating Temperature TA -40 to 85(I grade) °C Storage Temperature TSTG -65 to 150 °C Power Dissipation PD 1 W DC Output Current IOUT 50 mA Soldering Temperature (under 10 sec) TSOLDER 260 °C *Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability. TRUTH TABLE I/O OPERATION MODE CE# OE# WE# LB# UB# DQ0-DQ7 DQ8-DQ15 SUPPLY CURRENT H X X X X High-Z High-Z Standby X X X H H High-Z High-Z ISB,ISB1 L H H L X High-Z High-Z Output Disable L H H X L High-Z High-Z ICC,ICC1 L L H L H DOUT High-Z L L H H L High-Z DOUT Read L L H L L DOUT DOUT ICC,ICC1 L X L L H DIN High-Z L X L H L High-Z DIN Write L X L L L DIN DIN ICC,ICC1 Note: H = VIH, L = VIL, X = Don't care. DC ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITION MIN. TYP. *5 MAX. UNIT Supply Voltage Vcc 2.7 3.0 3.6 V Input High Voltage VIH*1 2.0 - Vcc+ 0.3 V Input Low Voltage VIL*2 -0.2 - 0.6 V Input Leakage Current ILI Vcc ≧ VIN ≧ Vss -1 - +1 µA Output Leakage Current ILO VCC ≧ VOUT ≧ VSS, Output Disabled -1 - 1 µA Output High Voltage VOH IOH = -1mA 2.2 2.7 - V Output Low Voltage VOL IOL = 2mA - - 0.4 V -45 - 40 50 mA -55 - 30 40 mA ICC Cycle time = Min. CE# = VIL , II/O = 0mA -70 - 20 30 mA Average Operating Power supply Current ICC1 Cycle time = 1µs CE#≦0.2V and II/O = 0mA other pins at 0.2V or VCC-0.2V - 4 5 mA Standby Power ISB CE# = VIH - 0.3 0.5 mA |
Similar Part No. - EM6156K800WTA-70I |
|
Similar Description - EM6156K800WTA-70I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |