Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88011IH522Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88011IH522Z
Description  5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88011IH522Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88011IH522Z Datasheet HTML 1Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 2Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 3Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 4Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 5Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 6Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 7Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 8Page - Intersil Corporation ISL88011IH522Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN8093.0
ISL88011, ISL88012, ISL88013,
ISL88014, ISL88015
5-Pin Voltage Supervisors with Adjustable
Power-On Reset, Dual Voltage Monitoring
or Watchdog Timer Capability
The ISL88011 - ISL88015 family of devices offer both fixed
and/or adjustable voltage-monitoring that combine popular
functions such as Power On Reset control, Watchdog Timer,
Supply Voltage Supervision, and Manual Reset assertion in
a small 5-pin SOT23 package.
Unique features on the ISL88013 and ISL88015 include a
watchdog timer with a 51sec startup timeout and a 1.6sec
normal timeout duration. On the ISL88011 and ISL88014,
users can increase the nominal 200ms Power On Reset
timeout delay by adding an external capacitor to the CPOR
pin. Both fixed and adjustable voltage monitors are provided
by the ISL88012. Complementary active-low and active-high
reset outputs are available on the ISL88011, ISL88012 and
ISL88013 devices. All devices provide manual reset
capability (see Product Features Table).
Seven preprogrammed reset threshold voltages accurate to
±1.5% over temperature are offered (see Ordering
Information). The ISL88012, ISL88014 and ISL88015 have a
user-adjustable voltage input available for custom
monitoring of any voltage down to 0.6V. All parts are
specifically designed for low power consumption and high
threshold accuracy.
Features
• Single/Dual Voltage Monitoring Supervisors
• Fixed-Voltage Options Allow Precise Monitoring of +2.5V,
+3.0V, +3.3V, and +5.0V Power Supplies
• Dual Supervisor Has One Fixed Voltage Input and Another
That is User-Adjustable Down to 0.6V.
• Both RST and RST Outputs Available
• Adjustable POR Timeout Delay Options
• Watchdog Timer With 1.6sec Normal and 51sec Startup
Timeout Durations
• Manual Reset Input on All Devices
• Reset Signal Valid Down to VDD = 1V
• Accurate ±1.5% Voltage Threshold
• Immune to Power-Supply Transients
• Ultra Low 5.5µA Supply Current
• Small 5-pin SOT-23 Pb Free package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Process Control Systems
• Intelligent Instruments
• Embedded Control Systems
• Computer Systems
• Critical µP and µC Power Monitoring
• Portable/Battery-Powered Equipment
• PDA and Handheld PC Devices
Data Sheet
February 13, 2006
RST/MR
GND
RST
VDD
VMON
RST/MR
GND
RST
VDD
CPOR
RST/MR
GND
RST
VDD
WDI
1
2
3
5
4
1
2
3
5
4
1
2
3
5
4
ISL88012
ISL88011
ISL88013
RST/MR
GND
VMON
VDD
WDI
RST/MR
GND
VMON
VDD
CPOR
1
2
3
5
4
1
2
3
5
4
ISL88015
ISL88014
Pinouts (ordering information on next page)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL88011IH522Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88011IH522Z-T7A RENESAS-ISL88011IH522Z-T7A Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011IH522Z-TK INTERSIL-ISL88011IH522Z-TK Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011IH522Z-TK RENESAS-ISL88011IH522Z-TK Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88011IH522Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com