Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4348AIDRG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4348AIDRG4
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4348AIDRG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA4348AIDRG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA4348AIDRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OPA348, 2348, 4348
5
SBOS213C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
OPEN-LOOP GAIN AND PSRR vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
130
120
110
100
90
80
70
60
A
OL, RL = 100kΩ
A
OL, RL = 5kΩ
PSRR
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
12
3
4
5
6
7
8
9
10
11
12
25
20
15
10
5
0
Typical production
distribution of
packaged units.
COMMON-MODE REJECTION vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
100
90
80
70
60
50
V– < V
CM < (V+) – 1.7V
V– < V
CM < V+
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
I
SC
I
Q
75
65
55
45
35
25
15
16
14
12
10
8
6
4
–75
–50
–25
0
25
50
75
100
125
150
INPUT BIAS (I
B) CURRENT vs TEMPERATURE
10k
1k
100
10
1
0.1
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
–6
–5
–4
–3
–2
–1
012
3
4
5
6
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.


Similar Part No. - OPA4348AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4348AIDRG4 TI-OPA4348AIDRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDRG4 TI-OPA4348AIDRG4 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDRG4 TI1-OPA4348AIDRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
More results

Similar Description - OPA4348AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
   Micropower (45 關A, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
logo
Texas Instruments
OPA348 TI1-OPA348_15 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
[Old version datasheet]   1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com