Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX206EEAG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX206EEAG
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX206EEAG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX206EEAG Datasheet HTML 4Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 5Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 6Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 7Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 8Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 9Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 10Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 11Page - Maxim Integrated Products MAX206EEAG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
_______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
V+
GND
MAX206E
MAX211E
MAX213E
MAX241E
0.1
µF*
VCC
0.1
µF*
R1 TO R5
T1 TO T5
0.1
µF*
C1+
C1-
C2+
C2-
VCC
+5.5V
T_OUT
R_OUT
400k
5k
ISHDN
0V OR +5.5V
DRIVE
0.1
µF*
0.1
µF*
3k
+5.5V
R_IN
T_IN
CAPACITORS MAY BE
POLARIZED OR UNPOLARIZED
( ) ARE FOR MAX213E
* 1µF FOR MAX241E
EN (EN)
SHDN (SHDN)
+5.5V (0V)
V-
+5.5V
Figure 1. Shutdown-Current Test Circuit (MAX206E,
MAX211E/MAX213E/MAX241E)
+3.5V
EN
INPUT
OUTPUT ENABLE TIME
+2.5V
RECEIVER
OUTPUT
CL = 150pF
RECEIVER
OUTPUTS
OUTPUT DISABLE TIME
VOH - 0.1V
VOH
VOL
VOL + 0.1V
RL = 1k
NOTE:
POLARITY OF EN
IS REVERSED
FOR THE
MAX213E
+0.8V
0V
+3V
+3V
EN
INPUT
0V
Figure 2. Receiver Output Enable and Disable Timing
(MAX205E/MAX206E/MAX211E/MAX213E/MAX241E)
17
NAME
FUNCTION
V-
T_OUT
RS-232 Driver Outputs
-2VCC Voltage Generated by the Charge Pump
R_IN
RS-232 Receiver Inputs
24
R_OUT
TTL/CMOS Receiver Outputs. For the MAX213E, receivers R4 and R5 are active in shutdown
mode when EN = 1. For the MAX211E and MAX241E, all receivers are inactive in shutdown.
PIN
1, 2, 3, 28
4, 9, 18, 23, 27
EN
T_IN
TTL/CMOS Driver Inputs. Only the MAX211E, MAX213E, and MAX241E have internal pullups to VCC.
Receiver Enable—Active High (MAX213E)
GND
Ground
25
VCC
+4.5V to +5.5V Supply Voltage
SHDN
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
5, 8, 19, 22, 26
6, 7, 20, 21
10
Shutdown Control—Active Low (MAX213E)
V+
+2VCC Voltage Generated by the Charge Pump
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
11
12, 14
13
15, 16
EN
Receiver Enable—Active Low (MAX211E, MAX241E)
SHDN
Shutdown Control—Active High (MAX211E, MAX241E)
________________________________________________Pin Descriptions (continued)
MAX211E/MAX213E/MAX241E


Similar Part No. - MAX206EEAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206EEAG MAXIM-MAX206EEAG Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Analog Devices
MAX206EEAG AD-MAX206EEAG Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX206EEAG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com