Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88013 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL88013
Description  5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88013 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL88013 Datasheet HTML 1Page - Intersil Corporation ISL88013 Datasheet HTML 2Page - Intersil Corporation ISL88013 Datasheet HTML 3Page - Intersil Corporation ISL88013 Datasheet HTML 4Page - Intersil Corporation ISL88013 Datasheet HTML 5Page - Intersil Corporation ISL88013 Datasheet HTML 6Page - Intersil Corporation ISL88013 Datasheet HTML 7Page - Intersil Corporation ISL88013 Datasheet HTML 8Page - Intersil Corporation ISL88013 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN8093.0
February 13, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to GND . . . . . . . . . . . . -1.0V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . .-40°C to 85°C
Pull-up Resistance (RPU) . . . . . . . . . . . . . . . . . . . . . 5kto 100k
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
5 Ld SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
190
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOT-23 Lead Tips Only)
CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings
provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification are not implied.
For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified, RPU = 10k.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage Range
2.0
5.5
V
IDD
Supply Current for ISL88011,
ISL88012, ISL88013
VDD = 5.0V
8
11.5
µA
VDD = 3.3V
7
10
µA
VDD = 2.5V
5.5
9
µA
Supply Current for ISL88014/15
VDD = 3.3V
4.5
8
µA
ILI
Input Leakage Current (VMON)
100
nA
ILO
Output Leakage Current (VMON)
100
nA
VOLTAGE THRESHOLDS
VTHVDD
Fixed VDD Voltage Trip Point
ISL88011, 88012, 88013IH546
4.57
4.64
4.71
V
ISL88011, 88012, 88013IH544
4.31
4.38
4.45
V
ISL88011, 88012, 88013IH531
3.04
3.09
3.14
V
ISL88011, 88012, 88013IH529
2.88
2.92
2.96
V
ISL88011, 88012, 88013IH526
2.59
2.63
2.67
V
ISL88011, 88012, 88013IH523
2.29
2.32
2.35
V
ISL88011, 88012, 88013IH522
2.16
2.19
2.22
V
VTHVDD
HYST
Hysteresis at VDD Input
VTHVDD = 4.64V
46
mV
VTHVDD = 4.38V
44
mV
VTHVDD = 3.09V
31
mV
VTHVDD = 2.92V
29
mV
VTHVDD= 2.63V
26
mV
VTHVDD = 2.32V
23
mV
VTHVDD = 2.19V
22
mV
VTHVMON Adj. Reset Voltage Trip Point (Note 5) VTHVDD = 4.64V
599
605
611
mV
VTHVDD = 4.38V
597
603
609
mV
VTHVDD = 3.09V
589
595
601
mV
VTHVDD = 2.92V
589
595
601
mV
VTHVDD= 2.63V
589
595
601
mV
VTHVDD = 2.32V
597
603
609
mV
VTHVDD = 2.19V
597
603
609
mV
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88013 INTERSIL-ISL88013 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88013 INTERSIL-ISL88013 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Renesas Technology Corp
ISL88013 RENESAS-ISL88013 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88013EVAL1Z RENESAS-ISL88013EVAL1Z Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88013IH522Z-T7A RENESAS-ISL88013IH522Z-T7A Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com