Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1854L Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1854L
Description  High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1854L Datasheet(HTML) 2 Page - Texas Instruments

  UC1854L Datasheet HTML 1Page - Texas Instruments UC1854L Datasheet HTML 2Page - Texas Instruments UC1854L Datasheet HTML 3Page - Texas Instruments UC1854L Datasheet HTML 4Page - Texas Instruments UC1854L Datasheet HTML 5Page - Texas Instruments UC1854L Datasheet HTML 6Page - Texas Instruments UC1854L Datasheet HTML 7Page - Texas Instruments UC1854L Datasheet HTML 8Page - Texas Instruments UC1854L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
GT Drv Current, Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
GT Drv Current, 50% Duty Cycle. . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Input Voltage, VSENSE, VRMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage, ISENSE, Mult Out . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage, PKLMT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input Current, RSET, IAC, PKLMT, ENA . . . . . . . . . . . . . . . . . . . 10mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature . . . . . . . . . . . . . . . . . . . .
–65
oC to +150oC
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . . . . . +300
oC
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Gnd
2
PKLMT
3
CA Out
4
ISENSE
5
N/C
6
Mult Out
7
IAC
8
VA Out
9
VRMS
10
N/C
11
VREF
12
ENA
13
VSENSE
14
RSET
15
N/C
16
SS
17
CT
18
VCC
19
GT Drv
20
PLCC-20 & LCC-20
(Top View)
Q & L Packages
CONNECTION DIAGRAMS
DIL–16 & SOIC-16
(Top View)
J, N & DW Packages
Unless otherwise stated, VCC=18V, RSET=15k to ground, CT=1.5nF to ground, PKLMT=1V, ENA=7.5V,
VRMS=1.5V, IAC=100
µA, ISENSE=0V, CA Out=3.5V, VA Out=5V, VSENSE=7.5V, no load on SS, CA Out,
VA Out, REF, GT Drv, –55
oC<TA<125oC for the UC1854, –40oC<TA<85oC for the UC2854, and
0
oC<TA<70oC for the UC3854, and TA=TJ.
ELECTRICAL
CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OVERALL
Supply Current, Off
ENA=0V
1.5
2.0
mA
Supply Current, On
10
16
mA
VCC Turn-On Threshold
14.5
16
17.5
V
VCC Turn-Off Threshold
9
10
11
V
ENA Threshold, Rising
2.4
2.55
2.7
V
ENA Threshold Hysteresis
0.2
0.25
0.3
V
ENA Input Current
ENA=0V
–5.0
–0.2
5.0
µA
VRMS Input Current
VRMS=5V
–1.0
–.01
1.0
µA
VOLTAGE AMPLIFIER
Voltage Amp Offset Voltage
VA Out=5V
–8
8
mV
VSENSE Bias Current
–500
–25
500
nA
Voltage Amp Gain
70
100
dB
Voltage Amp Output Swing
0.5 to 5.8
V
Voltage Amp Short Circuit Current
VA Out=0V
–36
–20
–5
mA
SS Current
SS=2.5V
–20
–14
–6
µA
UC1854
UC2854
UC3854
Note 1: All voltages with respect to Gnd (Pin 1).
Note 2: All currents are positive into the specified termi-
nal.
Note 3: ENA input is internally clamped to approximately
14V.
Note 4: Consult Unitrode Integrated Circuits databook for
information regarding thermal specifications and limita-
2


Similar Part No. - UC1854L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854L TI-UC1854L Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854L TI1-UC1854L Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L TI1-UC1854L Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L883B TI1-UC1854L883B Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854L883B TI1-UC1854L883B Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Similar Description - UC1854L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com