Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX206ECWG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX206ECWG
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX206ECWG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX206ECWG Datasheet HTML 2Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 3Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 4Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 5Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 6Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 7Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 8Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 9Page - Maxim Integrated Products MAX206ECWG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
_______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
MAX203E
MAX205E
_____________________________________________________________Pin Descriptions
MAX202E/MAX232E
15
10, 11
9, 12
8, 13
Ground
19
RS-232 Driver Inputs
13, 14
7, 14
6
4, 5
RS-232 Receiver Outputs
12, 15
RS-232 Receiver Inputs
10, 17
RS-232 Driver Outputs
9, 18
-2VCC Voltage Generated by the Charge Pump
8
2
1, 3
Terminals for Negative Charge-Pump Capacitor
5, 7
+2VCC Voltage Generated by the Charge Pump
3
+4.5V to +5.5V Supply-Voltage Input
Terminals for Positive Charge-Pump Capacitor
2, 4
20
16
GND
T_IN
R_OUT
R_IN
T_OUT
V-
C2+, C2-
V+
C1+, C1-
VCC
N.C.
No Connection—Not Internally Connected
1, 6, 11, 16
__
FUNCTION
NAME
PIN
DIP/SO/TSSOP
LCC
11, 15
12, 15
Connect pins together.
C2+
NAME
14
8
+2VCC Voltage Generated by the Charge Pump
V+
SO
C1-
T_IN
R_OUT
R_IN
T_OUT
GND
VCC
C1+
C2-
V-
13
FUNCTION
14
1, 2
RS-232 Driver Inputs
Make no connection to this pin.
3, 20
RS-232 Receiver Outputs
4, 19
RS-232 Receiver Inputs
1, 2
3, 20
5, 18
RS-232 Transmitter Outputs
6, 9
Ground
7
+4.5V to +5.5V Supply-Voltage Input
13
Make no connection to this pin.
4,19
5,18
6, 9
11, 16
Connect pins together.
10, 17
-2VCC Voltage Generated by the Charge Pump. Connect pins together.
7
8
10, 16
12, 17
DIP
PIN
NAME
FUNCTION
T_OUT
RS-232 Driver Outputs
R_IN
RS-232 Receiver Inputs
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
PIN
1–4, 19
5, 10, 13, 18, 24
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
GND
Ground
VCC
+4.75V to +5.25V Supply Voltage
EN
Receiver Enable—Active Low
6, 9, 14, 17, 23
7, 8, 15, 16, 22
11
12
20
SHDN
Shutdown Control—Active High
21


Similar Part No. - MAX206ECWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206ECWG MAXIM-MAX206ECWG Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Analog Devices
MAX206ECWG AD-MAX206ECWG Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX206ECWG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com