Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX203EEPP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX203EEPP
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX203EEPP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX203EEPP Datasheet HTML 1Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 2Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 3Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 4Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 5Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 6Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 7Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 8Page - Maxim Integrated Products MAX203EEPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
_______________________________________________________________________________________
3
±15kV ESD-Protected, +5V RS-232 Transceivers
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±10% for MAX202E/206E/208E/211E/213E/232E/241E; VCC = +5V ±5% for MAX203E/205E/207E; C1–C4 = 0.1µF for
MAX202E/206E/207E/208E/211E/213E; C1–C4 = 1µF for MAX232E/241E; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
Note 1: MAX211EE_ _ and MAX213EE_ _ tested with VCC = +5V ±5%.
MAX205E/206E/211E/213E/241E normal
operation, Figure 2
MAX205E/206E/211E/213E/241E normal
operation, Figure 2
CL = 150pF
RL = 3k
Ω to 7kΩ, CL = 50pF to 1000pF,
one transmitter switching
All drivers loaded with 3k
Ω to ground (Note 1)
TA = +25°C, VCC = 5V
VCC = 5V, no hysteresis in shutdown
TA = +25°C,
VCC = 5V
TA = +25°C,
VCC = 5V
VCC = V+ = V- = 0V, VOUT = ±2V
CONDITIONS
ns
200
Receiver Output Disable Time
ns
600
Receiver Output Enable Time
µs
440
tPLHR,
tPHLR
Receiver Propagation Delay
0.5
10
kbps
120
Maximum Data Rate
mA
±10
±60
Output Short-Circuit Current
300
Output Resistance
V
-30
30
Input Voltage Range
V
±5
±9
Output Voltage Swing
k
35
7
Input Resistance
V
0.2
0.5
1.0
Input Hysteresis
V
Input Threshold Low
1.7
2.4
V
1.5
2.4
Input Threshold High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
All parts, normal operation
All parts, normal operation
MAX213E (R4, R5),
SHDN = 0V, EN = VCC
RL = 3k
Ω, CL = 2500pF, all transmitters loaded
µs
2
tPLHT,
tPHLT
Transmitter Propagation Delay
TA = +25°C, VCC = 5V, RL = 3k
Ω to 7kΩ,
CL = 50pF to 1000pF, measured from -3V to
+3V or +3V to -3V, Figure 3
V/µs
36
30
Transition-Region Slew Rate
Human Body Model
±15
IEC1000-4-2, Air-Gap Discharge
kV
±15
ESD-Protection Voltage
IEC1000-4-2, Contact Discharge
±8
All parts, normal operation
MAX213E (R4, R5),
SHDN = 0V, EN = VCC
0.8
1.2
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
TIMING CHARACTERISTICS
EIA/TIA-232E TRANSMITTER OUTPUTS
EIA/TIA-232E RECEIVER INPUTS
MAX213E, SHDN = 0V,
EN = VCC
0.6
1.5
Note 1: MAX211EE_ _ tested with VCC = +5V ±5%.


Similar Part No. - MAX203EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX203EEPP MAXIM-MAX203EEPP Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Analog Devices
MAX203EEPP AD-MAX203EEPP Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX203EEPP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com