Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6112K1600VBA-70F Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM6112K1600VBA-70F
Description  512Kx8 LP SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6112K1600VBA-70F Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM6112K1600VBA-70F Datasheet HTML 3Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 4Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 5Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 6Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 7Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 8Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 9Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 10Page - Eorex Corporation EM6112K1600VBA-70F Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
512Kx8 LP SRAM EM6112K800V Series
7
DCC-SR-041005-A
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
Notes :
1. WE#, CE# must be high during all address transitions.
2. A write occurs during the overlap of a low CE#, low WE#.
3. During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and
data to be placed on the bus.
4. During this period, I/O pins are in the output state, and input signals must not be applied.
5. If the CE# low transition occurs simultaneously with or after WE# low transition, the outputs remain in a high impedance state.
6. tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
High-Z
tAS
tWR
High-Z
tCW
Address
tWC
CE#
WE#
Dout
Valid Data
Din
tAW
tWP
tWHZ
tDW
tDH
(4)
(4)
High-Z
tCW
Address
tWC
CE#
WE#
Dout
Valid Data
Din
tAW
tAS
tWP
tWR
tWHZ
tOW
tDW
tDH


Similar Part No. - EM6112K1600VBA-70F

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6110 EMMICRO-EM6110 Datasheet
173Kb / 1P
   8, 4, 3, 2 & static LCD Controller and Driver Interface I2C and Serial
logo
ELAN Microelectronics C...
EM61100 EMC-EM61100 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM6110FR32AW-10L EMLSI-EM6110FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-10S EMLSI-EM6110FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6110FR32AW-12L EMLSI-EM6110FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6112K1600VBA-70F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
White Electronic Design...
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com