Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB83AA23 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSB83AA23
Description  IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB83AA23 Datasheet(HTML) 6 Page - Texas Instruments

  TSB83AA23 Datasheet HTML 1Page - Texas Instruments TSB83AA23 Datasheet HTML 2Page - Texas Instruments TSB83AA23 Datasheet HTML 3Page - Texas Instruments TSB83AA23 Datasheet HTML 4Page - Texas Instruments TSB83AA23 Datasheet HTML 5Page - Texas Instruments TSB83AA23 Datasheet HTML 6Page - Texas Instruments TSB83AA23 Datasheet HTML 7Page - Texas Instruments TSB83AA23 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TSB83AA23ZAY
ACTIVE
NFBGA
ZAY
167
160
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2007
Addendum-Page 1


Similar Part No. - TSB83AA23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22AZAJ TI1-TSB83AA22AZAJ Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
More results

Similar Description - TSB83AA23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
XIO2221 TI1-XIO2221 Datasheet
1Mb / 196P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 1-PORT PHY
XIO2213A TI-XIO2213A_10 Datasheet
1Mb / 186P
[Old version datasheet]   PCI Express to 1394b OHCI with 3-Port PHY
XIO2213B TI-XIO2213B Datasheet
2Mb / 199P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 3-PORT PHY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com