Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F3069R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD64F3069R
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
Download  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3069R Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD64F3069R Datasheet HTML 1Page - Renesas Technology Corp HD64F3069R Datasheet HTML 2Page - Renesas Technology Corp HD64F3069R Datasheet HTML 3Page - Renesas Technology Corp HD64F3069R Datasheet HTML 4Page - Renesas Technology Corp HD64F3069R Datasheet HTML 5Page - Renesas Technology Corp HD64F3069R Datasheet HTML 6Page - Renesas Technology Corp HD64F3069R Datasheet HTML 7Page - Renesas Technology Corp HD64F3069R Datasheet HTML 8Page - Renesas Technology Corp HD64F3069R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1003 page
background image
Rev. 5.0, 09/04, page i of xviii
Preface
This LSI is a high-performance single-chip microcontrollers that integrates peripheral necessary
for system configuration with an H8/300H CPU featuring a 32-bit internal architecture as its core.
The on-chip peripheral functions include ROM, RAM, 16-bit timers, 8-bit timers, a programmable
timing pattern controller (TPC), a watchdog timer (WDT), a three-channel serial communication
interface, a two-channel D/A converter, an A/D converter, and I/O ports, providing an ideal
configuration as a microcomputer for embedding in sophisticated control systems. Flash memory
(F-ZTAT
TM*) is available as on-chip ROM, enabling users to respond quickly and flexibly to
changing application specifications and the demands of the transition from initial to full-fledged
volume production.
Note: * F-ZTAT is a trademark of Renesas Technology Corp.
Intended Readership: This manual is intended for users undertaking the design of an application
system using the H8/3069RF-ZTAT
TM. Readers using this manual require a
basic knowledge of electrical circuits, logic circuits, and microcomputers.
Purpose:
The purpose of this manual is to give users an understanding of the
hardware functions and electrical characteristics of the H8/3069RF-
ZTAT
TM. Details of execution instructions can be found in the H8/300H
Series Programming Manual, which should be read in conjunction with the
present manual.
Using this Manual:
For an overall understanding of the H8/3069RF-ZTAT
TM's functions
Follow the Table of Contents. This manual is broadly divided into sections on the CPU,
system control functions, peripheral functions, and electrical characteristics.
For a detailed understanding of CPU functions
Refer to the separate publication, H8/300H Series Programming Manual.
In order to understand the details of a register when its name is known. The addresses, bits,
and initial values of the registers are summarized in Appendix B, Internal I/O Registers.
Related Material:
The latest information is available at our Web Site. Please make sure that
you have the most up-to-date information available.
(http://www.renesas.com)


Similar Part No. - HD64F3069R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3069R RENESAS-HD64F3069R Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F3069RF25 RENESAS-HD64F3069RF25 Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F3069RF25W RENESAS-HD64F3069RF25W Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F3069RFBL25 RENESAS-HD64F3069RFBL25 Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F3069RTE25 RENESAS-HD64F3069RTE25 Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F3069R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3664BPV RENESAS-HD64F3664BPV Datasheet
2Mb / 446P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
H8S2194 RENESAS-H8S2194 Datasheet
5Mb / 1078P
   Renesas 16-Bit Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com