Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM-0055 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATM-0055
Description  ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATM-0055 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATM-0055 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATM-0055 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATM-0055 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Typical properties are not intended for use as specification limits. If you need to write a specification, ask for our
Standard Release Specification. This is a Pilot product that has been converted to high volume manufacturing and
is being monitored for process stability. During this monitoring period, certain properties may be adjusted slightly.
Typical Uncured Properties
8200C
Test Description
Test
Method
Filler Type
Silver
Viscosity @ 25ºC
11,500 cP
Brookfield CP51 @ 5 rpm
ATM-0018
Thixotropic Index
5.0
Viscosity @ 0.5/Viscosity @ 5 rpm
ATM-0089
Work Life @ 25ºC
24 hours
25% increase in viscosity @ RT
ATM-0087
Est. Storage Life @ -40ºC
1 year
ATM-0068
Cure Process Data
8200C
Test Description
Test
Method
Weight Loss on Cure
7%
10 x 10 mm Si die on glass slide
ATM-0031
Recommended Cure Condition
30 minutes ramp to 175ºC + 15 minutes @ 175ºC
Snap Cure Profile
Zone Number
1
2
3
4
5
6
7
Time
Temp ºC 140 150 160 200 220 220 220 120 sec
N
2 Flow
10 liters/minute @ 150ºC
Physiochemical Properties
- Post Cure
8200C
Test Description
Test
Method
Ionics
Chloride
Sodium
Potassium
< 10 ppm
< 10 ppm
< 10 ppm
Teflon flask 5 gm sample / 20-40
mesh 50 gm DI water 100ºC for
24 hours
ATM-0007
Weight Loss @ 300ºC
1%
Thermogravimetric Analysis
ATM-0073
PILOT TECHNICAL DATASHEET
ABLEBOND® 8200C
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
DESCRIPTION
ABLEBOND® 8200C low bleed die attach adhesive is
designed for small and medium sized dies across a
variety of leadframes including PPF, Cu and Ag. This
electrically conductive adhesive offers improved JEDEC
performance on QFN type packages.
02/06
Page 1 of 3
FEATURES
• HIgh electrical conductivity
• Excellent adhesion to silver and pre-plated leadframe
• Oven and snap curable
ABLEBOND 8200C adhesive is a new version of the
RP-751 series that provides improved MRT on silver
and pre-plated leadframe.


Similar Part No. - ATM-0055

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM-1 EATON-ATM-1 Datasheet
796Kb / 2P
   ATM blade fuses
logo
Cooper Bussmann, Inc.
ATM-10 COOPER-ATM-10 Datasheet
83Kb / 1P
   Blade-Type Fuses ATM Series, Fast Acting
ATM-10 COOPER-ATM-10 Datasheet
306Kb / 2P
   ATM blade fuses
ATM-15 COOPER-ATM-15 Datasheet
83Kb / 1P
   Blade-Type Fuses ATM Series, Fast Acting
ATM-15 COOPER-ATM-15 Datasheet
306Kb / 2P
   ATM blade fuses
More results

Similar Description - ATM-0055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84-1LMISR4 ETC2-84-1LMISR4 Datasheet
387Kb / 3P
   ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
2815A ETC2-2815A Datasheet
333Kb / 3P
   THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
logo
3M Electronics
9703 3M-9703 Datasheet
148Kb / 5P
   Electrically Conductive Adhesive Transfer Tape 9703
logo
List of Unclassifed Man...
C850-6 ETC-C850-6 Datasheet
74Kb / 2P
   Silver Filled, Epoxy Die Attach Adhesive
logo
3M Electronics
9725 3M-9725 Datasheet
147Kb / 4P
   3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
logo
Cree, Inc
C450TR5050-S18000 CREE-C450TR5050-S18000 Datasheet
519Kb / 5P
   Adhesive Die Attach Low Forward Voltage 3.3 V Typical at 120 mA
logo
3M Electronics
1170 3M-1170 Datasheet
107Kb / 2P
   Aluminum Foil with Conductive Adhesive
1181 3M-1181 Datasheet
107Kb / 2P
   Copper Foil with Conductive Adhesive
8805 3M-8805 Datasheet
175Kb / 7P
   Thermally Conductive Adhesive Transfer Tapes
33316 3M-33316 Datasheet
29Kb / 2P
   Electrically Conductive Tinned Copper Foil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com